Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2180 Datasheet (PDF) - Texas Instruments

LMH2180 Datasheet PDF - Texas Instruments
Part # LMH2180
Download  LMH2180 Download
File Size   1168.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2180 75 MHz Dual Clock Buffer

LMH2180 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2180 Datasheet PDF - Texas Instruments

Part # LMH2180
Download  LMH2180 Click to download

File Size   1168.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2180 75 MHz Dual Clock Buffer

LMH2180 Datasheet (HTML) - Texas Instruments


LMH2180 Product details

1FEATURES
2• (Typical Values are: VSUPPLY = 2.7V and CL = 10
pF, unless Otherwise Specified.)
• Small Signal Bandwidth 78 MHz
• Supply Voltage Range 2.4V to 5V
• Phase Noise (V IN = 1 VPP, fC = 38.4 MHz, Δf = 1
kHz) −123 dBc/Hz
• Slew Rate 106 V/μs
• Total Supply Current 2.3 mA
• Shutdown Current 30 μA
• Rail-to-Rail Input and Output
• Individual Buffer Enable Pins
• Rapid Ton Technology
• Crosstalk Rejection Circuitry
• Packages:
– 8-Pin WSON, Solder Bump and no Pullback
– 8-Bump DSBGA
• Temperature Range −40°C to 85°C

APPLICATIONS
• 3G Mobile Applications
• WLAN–WiMAX Modules
• TD_SCDMA Multi-Mode MP3 and Camera
• GSM Modules
• Oscillator Modules

DESCRIPTION
The LMH2180 is a high speed dual clock buffer
designed for portable communications and
applications requiring multiple accurate multi-clock
systems. The LMH2180 integrates two 75 MHz low
noise buffers with independent shutdown pins into a
small package. The LMH2180 ensures superb
system operation between the baseband and the
oscillator signal path by eliminating crosstalk between
the multiple clock signals.
Unique technology and design provides the LMH2180
with the ability to accurately drive both large
capacitive and resistive loads. Low supply current
combined with shutdown pins for each channel
means the LMH2180 is ideal for battery powered
applications. This part does not use an internal
ground reference, thus providing additional system
flexibility.
The flexible buffers provide system designers the
capacity to manage complex clock signals in the
latest wireless applications. Each buffer delivers 106
V/μs internal slew rate with independent shutdown
and duty cycle precision. Each input is internally
biased to 1V, removing the need for external
resistors. Both channels have rail-to-rail inputs and
outputs, a gain of one, and are AC coupled with the
use of one capacitor.
Replacing a discrete buffer solution with the
LMH2180 provides many benefits: simplified board
layout, minimized parasitic components, simplified
BOM, design durability across multiple applications,
simplification of clock paths, and the ability to reduce
the number of clock signal generators in the system.
The LMH2180 is produced in the tiny packages
minimizing the required PCB space.




Similar Part No. - LMH2180

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
512Kb / 18P
LMH2180 75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 22P
75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180SD NSC-LMH2180SD Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
More results


Similar Description - LMH2180

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
40 MHz Dual Clock Buffer
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
LMH2180 75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com