Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5642 Datasheet (PDF) - Texas Instruments

LM5642 Datasheet PDF - Texas Instruments
Part # LM5642
Download  LM5642 Download
File Size   1187.51 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization

LM5642 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5642 Datasheet PDF - Texas Instruments

Part # LM5642
Download  LM5642 Click to download

File Size   1187.51 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization

LM5642 Datasheet (HTML) - Texas Instruments


LM5642 Product details

1FEATURES
2• Two Synchronous Buck Regulators
• 180° Out of Phase Operation
• 200 kHz Fixed Nominal Frequency: LM5642
• 375 kHz Fixed Nominal Frequency: LM5642X
• Synchronizable Switching Frequency from 150
kHz to 250 kHz for the LM5642 and 200 kHz to
500 kHz for the LM5642X
• 4.5V to 36V Input Range
• 50 μA Shutdown Current
• Adjustable Output from 1.3V to 90% of Vin
• 0.04% (Typical) Line and Load Regulation
Accuracy
• Current Mode Control with or without a Sense
Resistor
• Independent Enable/Soft-start Pins Allow
Simple Sequential Startup Configuration.
• Configurable for Single Output Parallel
Operation. (See Figure 4)
• Adjustable Cycle-by-cycle Current Limit
• Input Under-voltage Lockout
• Output Over-voltage Latch Protection
• Output Under-voltage Protection with Delay
• Thermal Shutdown
• Self Discharge of Output Capacitors when the
Regulator is OFF
• TSSOP and HTSSOP (Exposed PAD) Packages

APPLICATIONS
• Embedded Computer Systems
• Navigation Systems
• Telecom Systems
• Set-Top Boxes
• WebPAD
• Point Of Load Power Architectures

DESCRIPTION
The LM5642 series consists of two current mode
synchronous buck regulator controllers operating
180° out of phase with each other at a normal
switching frequency of 200kHz for the LM5642 and at
375kHz for the LM5642X.
Out of phase operation reduces the input RMS ripple
current, thereby significantly reducing the required
input capacitance. The switching frequency can be
synchronized to an external clock between 150 kHz
and 250 kHz for the LM5642 and between 200 kHz
and 500 kHz for the LM5642X. The two switching
regulator outputs can also be paralleled to operate as
a dual-phase, single output regulator.
The output of each channel can be independently
adjusted from 1.3V to 90% of Vin. An internal 5V rail
is also available externally for driving bootstrap
circuitry.
Current-mode feedback control assures excellent line
and load regulation and wide loop bandwidth for excellent response to fast load transients. Current is
sensed across either the Vds of the top FET or
across an external current-sense resistor connected
in series with the drain of the top FET.
The LM5642 features analog soft-start circuitry that is
independent of the output load and output
capacitance making the soft-start behavior more
predictable and controllable than traditional soft-start
circuits.
Over-voltage protection is available for both outputs.
A UV-Delay pin is also available to allow delayed shut
off time for the IC during an output under-voltage
event.




Similar Part No. - LM5642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI1-LM5642 Datasheet
1Mb / 40P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
784Kb / 28P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MH NSC-LM5642MH Datasheet
784Kb / 28P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results


Similar Description - LM5642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
logo
ON Semiconductor
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com