Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6624-MIL Datasheet (PDF) - Texas Instruments

LMH6624-MIL Datasheet PDF - Texas Instruments
Part # LMH6624-MIL
Download  LMH6624-MIL Download
File Size   1120.23 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier

LMH6624-MIL Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6624-MIL Datasheet PDF - Texas Instruments

Part # LMH6624-MIL
Download  LMH6624-MIL Click to download

File Size   1120.23 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier

LMH6624-MIL Datasheet (HTML) - Texas Instruments


LMH6624-MIL Product details

1 Features
1• VS = ±6 V, TA = 25°C, AV = 20 (Typical Values
Unless Specified)
• Gain Bandwidth 1.5 GHz
• Input Voltage Noise 0.92 nV/√Hz
• Input Offset Voltage (Limit Over Temp) 700 μV
• Slew Rate 350 V/μs
• Slew Rate (AV = 10) 400 V/μs
• HD2 at f = 10 MHz, RL = 100 Ω –63 dBc
• HD3 at f = 10 MHz, RL = 100 Ω –80 dBc
• Supply Voltage Range 5 V to 12 V
• Improved Replacement for the CLC425
• Stable for Closed Loop |AV| ≥ 10

2 Applications
• Instrumentation Sense Amplifiers
• Ultrasound Preamplifiers
• Magnetic Tape & Disk Preamplifers
• Wide Band Active Filters
• Professional Audio Systems
• Opto-Electronics
• Medical Diagnostic Systems

3 Description
The LMH6624-MIL device offers wide bandwidth (1.5
GHz) with very-low-input noise (0.92 nV/√Hz, 2.3
pA/√Hz) and ultra-low DC errors (100-μV VOS, ±0.1-
μV/°C drift) providing very precise operational
amplifiers with wide dynamic range. This enables the
user to achieve closed-loop gains of greater than 10,
in both inverting and non-inverting configurations.
The LMH6624-MIL traditional voltage feedback
topology provides the following benefits: balanced
inputs, low-offset voltage and offset current, very-lowoffset
drift, 81-dB open loop gain, 95-dB commonmode
rejection ratio, and 88-dB power supply
rejection ratio.
The LMH6624-MIL device operates from 5 V to 12 V
and is offered in SOT-23-5 and SOIC-8 packages.




Similar Part No. - LMH6624-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624-MIL TI2-LMH6624-MIL Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
LMH6624-MIL TI2-LMH6624-MIL_V01 Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
More results


Similar Description - LMH6624-MIL

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6624MF TI-LMH6624MF Datasheet
1Mb / 31P
LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com