Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6609MA/NOPB Datasheet (PDF) - Texas Instruments

LMH6609MA/NOPB Datasheet PDF - Texas Instruments
Part # LMH6609MA/NOPB
Download  LMH6609MA/NOPB Download
File Size   1089.56 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6609 900MHz Voltage Feedback Op Amp

LMH6609MA/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6609MA/NOPB Datasheet PDF - Texas Instruments

Part # LMH6609MA/NOPB
Download  LMH6609MA/NOPB Click to download

File Size   1089.56 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6609 900MHz Voltage Feedback Op Amp

LMH6609MA/NOPB Datasheet (HTML) - Texas Instruments


LMH6609MA/NOPB Product details

1FEATURES
23• 900MHz −3dB bandwidth (AV = 1)
• Large signal bandwidth and slew rate 100%
tested
• 280MHz −3dB bandwidth (AV = +2, VOUT = 2VPP)
• 90mA linear output current
• 1400V/μs slew rate
• Unity gain stable
• <1mV input Offset voltage
• 7mA Supply current (no load)
• 6.6V to 12V supply voltage range
• 0.01%/0.026° differential gain/phase PAL
• 3.1nV√Hz voltage noise
• Improved replacement for CLC440, CL420,
CL426

APPLICATIONS
• Test equipment
• IF/RF amplifier
• A/D Input driver
• Active filter
• Integrator
• DAC output buffer
• TI's Transimpedance amplifier

DESCRIPTION
The LMH6609 is an ultra wideband, unity gain stable, low power, voltage feedback op amp that offers
900MHz bandwidth at a gain of 1, 1400V/μs slew rate
and 90mA of linear output current.
The LMH6609 is designed with voltage feedback
architecture for maximum flexibility especially for
active filters and integrators. The LMH6609 has
balanced, symmetrical inputs with well-matched bias
currents and minimal offset voltage.
With Differential Gain of 0.01% and Differential Phase
of 0.026° the LMH6609 is suited for video
applications. The 90mA of linear output current
makes the LMH6609 suitable for multiple video loads
and cable driving applications as well.
The supply voltage is specified at 6.6V and 10V. A
low supply current of 7mA (at 10V supply) makes the
LMH6609 useful in a wide variety of platforms,
including portable or remote equipment that must run
from battery power.
The LMH6609 is available in the industry standard 8-
pin SOIC package and in the space-saving 5-pin
SOT-23 package. The LMH6609 is specified for
operation over the -40°C to +85°C temperature
range. The LMH6609 is manufactured in state-of-the-
art VIP10™ technology for high performance.




Similar Part No. - LMH6609MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6609MA/NOPB TI1-LMH6609MA/NOPB Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
More results


Similar Description - LMH6609MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com