Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6672 Datasheet (PDF) - Texas Instruments

LMH6672 Datasheet PDF - Texas Instruments
Part # LMH6672
Download  LMH6672 Download
File Size   1182.03 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6672 Dual, High Output Current, High Speed Op Amp

LMH6672 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6672 Datasheet PDF - Texas Instruments

Part # LMH6672
Download  LMH6672 Click to download

File Size   1182.03 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6672 Dual, High Output Current, High Speed Op Amp

LMH6672 Datasheet (HTML) - Texas Instruments


LMH6672 Product details

1 Features
1• High Output Drive
– 19.2 VPP Differential Output Voltage,
RL = 50 Ω
– 9.6 VPP Single-ended Output Voltage,
RL = 25 Ω
• High Output Current
– ±200 mA @ V O = 9 VPP, VS = 12 V
• Low Distortion
– 105 dB SFDR @ 100 kHz, VO = 8.4 VPP,
RL = 25Ω
– 98 dB SFDR @ 1MHz, VO = 2 VPP,
RL = 100 Ω
• High Speed
– 90 MHz 3 dB Bandwidth (G = 2)
– 135 V/μs Slew Rate
• Low Noise
– 3.1 nV/√Hz: Input Noise Voltage
– 1.8 pA/√Hz: Input Noise Current
• Low Supply Current: 7.2mA/amp
• Single-supply Operation: 5 V to 12 V
• Stable for Gain of +2V/V or Higher
• Available in 8-pin SOIC and SO PowerPAD (DDA)

2 Applications
• ADSL PCI Modem Cards
• xDSL External Modems
• Line Drivers

3 Description
The LMH6672 is a low cost, dual high speed op amp
capable of driving signals to within 1 V of the power
supply rails. It features the high output drive with low
distortion required for the demanding application of a
single supply xDSL line driver.
When connected as a differential output driver, the
LMH6672 can drive a 50-Ω load to 16.8 VPP swing
with only −98 dBc distortion, fully supporting the peak
upstream power levels for upstream full-rate ADSL.
The LMH6672 is fully specified for operation with 5-V and 12-V supplies. Ideal for PCI modem cards and
xDSL modems.




Similar Part No. - LMH6672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
LMH6672 Dual, High Output Current, High Speed Op Amp
logo
National Semiconductor ...
LMH6672LD NSC-LMH6672LD Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
LMH6672LDX NSC-LMH6672LDX Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
LMH6672MA NSC-LMH6672MA Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
More results


Similar Description - LMH6672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
High Speed, Low Power Dual Op Amp
REV.B
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
HIGH-SPEED OUTPUT CLAMPING OP AMP
logo
Analog Devices
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD644JH AD-AD644JH Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
logo
Texas Instruments
ALM2402-Q1 TI1-ALM2402-Q1_15 Datasheet
1Mb / 32P
Dual Op-amp with High Current Output
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
LMH6672 Dual, High Output Current, High Speed Op Amp
logo
Analog Devices
AD827 AD-AD827_17 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com