Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH7220 Datasheet (PDF) - Texas Instruments

LMH7220 Datasheet PDF - Texas Instruments
Part # LMH7220
Download  LMH7220 Download
File Size   1221.92 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH7220 High Speed Comparator with LVDS Output

LMH7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH7220 Datasheet PDF - Texas Instruments

Part # LMH7220
Download  LMH7220 Click to download

File Size   1221.92 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH7220 High Speed Comparator with LVDS Output

LMH7220 Datasheet (HTML) - Texas Instruments


LMH7220 Product details

1FEATURES
2• (VS = 5V TA = 25°C, Typical Values unless
Otherwise Specified)
• Propagation Delay @ 100 mV Overdrive 2.9 ns
• Rise and Fall Times 0.6 ns
• Supply Voltage 2.7V to 12V
• Supply Current 6.8 mA
• Temperature Range −40°C to 125°C
• LVDS Output

APPLICATIONS
• Acquisition Trigger
• Fast Differential Line Receiver
• Pulse Height Analyzer
• Peak Detector
• Pulse Width Modulator
• Remote Threshold Detection
• Oscilloscope Triggering

DESCRIPTION
The LMH7220 is a high speed, low power comparator
with an operating supply voltage range of 2.7V to
12V. The LMH7220 has a differential, LVDS output,
driving 325 mV into a 100Ω symmetrical transmission
line. The LMH7220 has a 2.9 ns propagation delay
and 0.6 ns rise and fall times while the supply current
is only 6.8 mA at 5V (load current excluded).
The LMH7220 inputs have a voltage range that
extends 200 mV below ground, allowing ground
sensing applications. The LMH7220 is available in the
6-Pin SOT package. This package is ideal where
space is a critical item.




Similar Part No. - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220 TI1-LMH7220 Datasheet
1Mb / 34P
LMH7220 High Speed Comparator with LVDS Output
logo
National Semiconductor ...
LMH7220MG NSC-LMH7220MG Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
More results


Similar Description - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220 TI1-LMH7220_14 Datasheet
1Mb / 34P
LMH7220 High Speed Comparator with LVDS Output
logo
Maxim Integrated Produc...
MAX40025C MAXIM-MAX40025C Datasheet
640Kb / 17P
280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
Rev 2; 1/19
logo
Texas Instruments
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40025A MAXIM-MAX40025A Datasheet
615Kb / 17P
280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
logo
Texas Instruments
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com