Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6559MF Datasheet (PDF) - Texas Instruments

LMH6559MF Datasheet PDF - Texas Instruments
Part # LMH6559MF
Download  LMH6559MF Download
File Size   1154.55 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6559 High-Speed, Closed-Loop Buffer

LMH6559MF Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6559MF Datasheet PDF - Texas Instruments

Part # LMH6559MF
Download  LMH6559MF Click to download

File Size   1154.55 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6559 High-Speed, Closed-Loop Buffer

LMH6559MF Datasheet (HTML) - Texas Instruments


LMH6559MF Product details

1FEATURES
2• Closed-Loop Buffer
• 1750MHz Small Signal Bandwidth
• 4580V/μs Slew Rate
• 0.06% / 0.02° Differential Gain/Phase
• −52dBc THD at 20MHz
• Single Supply Operation (3V Min.)
• 75mA Output Current

APPLICATIONS
• Video Switching and Routing
• Test Point Drivers
• High Frequency Active Filters
• Wideband DC Clamping Buffers high•
High-Speed Peak Detector Circuits
• Transmission Systems
• Telecommunications
• Test Equipment and Instrumentation

DESCRIPTION
The LMH6559 is a high-speed, closed-loop buffer
designed for applications requiring the processing of
very high frequency signals. While offering a small
signal bandwidth of 1750MHz, and an ultra high slew
rate of 4580V/μs the LMH6559 consumes only 10mA
of quiescent current. Total harmonic distortion into a load of 100Ω at 20MHz is −52dBc. The LMH6559 is
configured internally for a loop gain of one. Input
resistance is 200kΩ and output resistance is but
1.2Ω. These characteristics make the LMH6559 an
ideal choice for the distribution of high frequency
signals on printed circuit boards. Differential gain and
phase specifications of 0.06% and 0.02° respectively
at 3.58MHz make the LMH6559 well suited for the
buffering of video signals.
The device is fabricated on Texas Instruments' high•
speed VIP10 process using TI's proven high
performance circuit architectures.




Similar Part No. - LMH6559MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559MF NSC-LMH6559MF Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
LMH6559MF NSC-LMH6559MF Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559MF TI1-LMH6559MF Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
LMH6559MF/NOPB TI1-LMH6559MF/NOPB Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559MFX NSC-LMH6559MFX Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
More results


Similar Description - LMH6559MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
Closed-Loop High Speed Buffer
REV. 0
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com