Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7704-SP Datasheet (PDF) - Texas Instruments

LMP7704-SP Datasheet PDF - Texas Instruments
Part # LMP7704-SP
Download  LMP7704-SP Download
File Size   1158.46 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifier

LMP7704-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP7704-SP Datasheet PDF - Texas Instruments

Part # LMP7704-SP
Download  LMP7704-SP Click to download

File Size   1158.46 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifier

LMP7704-SP Datasheet (HTML) - Texas Instruments


LMP7704-SP Product details

1 Features
• QML Class V (QMLV), RHA, SMD 5962-19206
• Radiation performance
– RHA up to TID = 100krad(Si)
– ELDRS-free up to TID = 100krad(Si)
– SEL resilient to LET = 85MeV·cm2/mg
– SEE characterized to LET = 85MeV·cm2/mg
• Ultra-low input bias current: ±500fA
• Input offset voltage: ±60μV
• Unity-gain bandwidth: 2.5MHz
• Supply voltage range: 2.7V to 12V
• Rail-to-rail input and output
• Military temperature range: −55°C to +125°C
• Available in 14-lead CFP with industry-standard
quad amp pinout

2 Applications
• Satellite health monitoring and telemetry
• Scientific exploration payload
• Altitude and orbit control system (AOCS)
• Satellite electrical power system (EPS)
• Communications payload
• Radar imaging payload

3 Description
The LMP7704-SP is a precision amplifier with low
input bias, low offset voltage, 2.5MHz gain bandwidth
product, and a wide supply voltage. The device
is radiation hardened and operates in the military
temperature range of −55°C to +125°C.
The high dc precision of this amplifier, specifically
the low offset voltage of ±60μV and ultra-low input
bias of ±500fA, makes this device an excellent choice
for interfacing with precision sensors with high output
impedances. This amplifier can be configured for
transducer, bridge, strain gauge, and transimpedance
amplification.




Similar Part No. - LMP7704-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
More results


Similar Description - LMP7704-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
SM72501 TI1-SM72501 Datasheet
1Mb / 28P
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
DP83561-SP TI-DP83561-SP_V01 Datasheet
2Mb / 102P
DP83561-SP Radiation-Hardness-Assured (RHA), 10/100/1000 Ethernet PHY Transceiver with SEFI Handling Sub-System
NOVEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com