Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91051 Datasheet (PDF) - Texas Instruments

LMP91051 Datasheet PDF - Texas Instruments
Part # LMP91051
Download  LMP91051 Download
File Size   1203.15 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91051 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications

LMP91051 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP91051 Datasheet PDF - Texas Instruments

Part # LMP91051
Download  LMP91051 Click to download

File Size   1203.15 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91051 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications

LMP91051 Datasheet (HTML) - Texas Instruments


LMP91051 Product details

1FEATURES
2• Dual Channel Input
• Programmable Gain Amplifier
• “Dark Signal” Offset Cancellation
• Supports External Filtering
• Common Mode Generator and 8 Bit DAC
• Package 14 Pin TSSOP

APPLICATIONS
• NDIR Sensing
• Demand Control Ventilation
• Building Monitoring
• CO2 Cabin Control — Automotive
• Alcohol Detection — Automotive
• Industrial Safety and Security
• GHG & Freons Detection Platforms

KEY SPECIFICATIONS
• Programmable Gain … 167V/V to 7986V/V
• Low Noise (0.1 to 10 Hz) … 0.1μVRMS
• Gain Drift … 20 ppm/°C (typ)
• Phase Delay Drift … 300 ns (typ)
• Power supply voltage range … 2.7V to 5.5V

DESCRIPTION
The LMP91051 is a dual channel programmable integrated Sensor Analog Front End (AFE) optimized
for thermopile sensors, as typically used in NDIR
applications. It provides a complete signal path
solution between a sensor and microcontroller that
generates an output voltage proportional to the
thermopile voltage. The LMP91051’s programmability
enables it to support multiple thermopile sensors with
a single design as opposed to the multiple discrete
solutions.
The LMP91051 features a programmable gain
amplifier (PGA), “dark phase” offset cancellation, and
an adjustable common mode generator (1.15V or
2.59V) which increases output dynamic range. The
PGA offers a low gain range of 167V/V to 1335V/V
plus a high gain range of 1002V/V to 7986V/V which
enables the user to utilize thermopiles with different
sensitivities. The PGA is highlighted by low gain drift
(20 ppm/°C), output offset drift (230 mV/°C at
G = 1002 V/V), phase delay drift (300 ns) and noise
specifications (0.1 μVRMS 0.1 to 10Hz) . The offset
cancellation circuitry compensates for the “dark
signal” by adding an equal and opposite offset to the
input of the second stage, thus removing the original
offset from the output signal. This offset cancellation
circuitry allows optimized usage of the ADC full scale
and relaxes ADC resolution requirements.
The LMP91051 allows extra signal filtering (high
pass, low pass or band pass) through dedicated pins
A0 and A1, in order to remove out of band noise. The
user can program through the on board SPI interface.
Available in a small form factor 14 pin TSSOP
package, the LMP91051 operates from –40 to
+105°C.




Similar Part No. - LMP91051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051MT/NOPB TI-LMP91051MT/NOPB Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051MTX/NOPB TI-LMP91051MTX/NOPB Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results


Similar Description - LMP91051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Zhengzhou Winsen Electr...
MH-440D WINSEN-MH-440D Datasheet
780Kb / 5P
NDIR Infrared CH4 Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com