Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91300 Datasheet (PDF) - Texas Instruments

LMP91300 Datasheet PDF - Texas Instruments
Part # LMP91300
Download  LMP91300 Download
File Size   1225.75 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91300 Industrial Inductive Proximity Sensor AFE

LMP91300 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP91300 Datasheet PDF - Texas Instruments

Part # LMP91300
Download  LMP91300 Click to download

File Size   1225.75 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91300 Industrial Inductive Proximity Sensor AFE

LMP91300 Datasheet (HTML) - Texas Instruments


LMP91300 Product details

1 Features
1• Post Production Configuration and Calibration
• Programmable Decision Thresholds
• Programmable Hysteresis
• Flexible Overload Protection
• Digital Temperature Compensation
• Integrated LED driver
• Small Form Factor, Supports 4mm Sensors
(DSBGA Package)
• Low Power Consumption
• Integrated Voltage Regulator
• 3-Wire Capability
• Supports NPN and PNP Modes
• Normally Open (NO) and Normally Closed (NC)
Supported
• 16-bit Resolution Threshold Setting

2 Applications
• Industrial Proximity Detection
• Industrial Production Lines
• Industrial Automation

3 Description
The LMP91300 is a complete analog front end (AFE)
optimized for use in industrial inductive proximity sensors. The LMP91300 directly converts the RP of
the external LC tank into a digital value.
Post-manufacturing configuration and calibration is
fully supported. The temperature dependence of the
sensor is digitally compensated, using an external
temperature sensor. The LMP91300 provides
programmable thresholds, programmable temperature compensation and programmable
oscillation frequency range. Due to its
programmability, the LMP91300 can be used with a
wide variety of external inductors and its detection thresholds can be adjusted to the desired detection
distances.
An internal voltage regulator allows the device to
operate with a supply from 6.5V to 40V. The output
can be programmed to drive an external transistor in
either NPN or PNP mode.
Available in 4mm × 5mm 24-terminal WQFN and
2.05mm × 2.67mm 20-terminal DSBGA packages,
the LMP91300 operates from -40°C to +125°C.




Similar Part No. - LMP91300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91300 TI1-LMP91300 Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
LMP91300NHZJ TI1-LMP91300NHZJ Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
LMP91300NHZR TI1-LMP91300NHZR Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
LMP91300NHZT TI1-LMP91300NHZT Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
LMP91300YZRR TI1-LMP91300YZRR Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
More results


Similar Description - LMP91300

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
Inductive Proximity Sensor IC
logo
Texas Instruments
LMP91300 TI1-LMP91300 Datasheet
1Mb / 37P
LMP91300 Industrial Inductive Proximity Sensor AFE
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
Inductive Proximity Sensor
logo
Panasonic Semiconductor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
Cylindrical Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
Chip-immune Inductive Proximity Sensor
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
Inductive proximity sensor
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
Compact Inductive Proximity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com