Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR24210 Datasheet (PDF) - Texas Instruments

LMR24210 Datasheet PDF - Texas Instruments
Part # LMR24210
Download  LMR24210 Download
File Size   1138.81 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR24210 42-VIN, 1-A Step-Down Voltage Regulator in DSBGA Package

LMR24210 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR24210 Datasheet PDF - Texas Instruments

Part # LMR24210
Download  LMR24210 Click to download

File Size   1138.81 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR24210 42-VIN, 1-A Step-Down Voltage Regulator in DSBGA Package

LMR24210 Datasheet (HTML) - Texas Instruments


LMR24210 Product details

1 Features
1• Input Voltage Range of 4.5 V to 42 V
• Output Voltage Range of 0.8 V to 24 V
• Output Current up to 1 A
• Integrated low RDS(ON) Synchronous MOSFETs for
High Efficiency
• Up to 1 MHz Switching Frequency
• Low Shutdown IQ, 25 μA Typical
• Programmable Soft Start
• No Loop Compensation Required
• COT With ERM Architecture
• Tiny Overall Solution Reduces System Cost
• Integrated Synchronous MOSFETs Provides High
Efficiency at Low Output Voltages
• Stable with Low ESR Capacitors
• 28-Bump DSBGA Packaging
• Create a custom design using the LMR24010 with
the WEBENCH® Power Designer

2 Applications
• Point-of-Load Conversions from 5V, 12V and 24V
Rails
• Space Constrained Applications
• Industrial Distributed Power Applications
• Power Meters

3 Description
The LMR24210 synchronously rectified buck
converter features all required functions to implement
a highly efficient and cost effective buck regulator. It
is capable of supplying 1 A to loads with an output
voltage as low as 0.8 V. Dual N-channel synchronous
MOSFET switches allow a low component count, thus
reducing complexity and minimizing board size.
Different from most other COT regulators, the
LMR24210 does not rely on output capacitor ESR for
stability, and is designed to work exceptionally well
with ceramic and other very low ESR output
capacitors. It requires no loop compensation, results
in a fast load transient response and simple circuit
implementation. The operating frequency remains
nearly constant with line variations due to the inverse
relationship between the input voltage and the ontime.
The operating frequency can be externally
programmed up to 1 MHz. Protection features include
VCC under-voltage lock-out, output overvoltage
protection, thermal shutdown, and gate-drive
undervoltage lockout. The LMR24210 is available in
the small DSBGA low profile chip-scale package.




Similar Part No. - LMR24210

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR24210 NSC-LMR24210 Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24210 TI1-LMR24210 Datasheet
1Mb / 20P
LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LMR24210 TI-LMR24210 Datasheet
1Mb / 25P
SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR24210TL NSC-LMR24210TL Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24210TL TI1-LMR24210TL Datasheet
1Mb / 20P
LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
More results


Similar Description - LMR24210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LMR24210 TI1-LMR24210 Datasheet
1Mb / 20P
LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com