Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCH-855 Datasheet (PDF) - Sumida Corporation

RCH-855 Datasheet PDF - Sumida Corporation
Part # RCH-855
Download  RCH-855 Download
File Size   181.52 Kbytes
Page   3 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor< Pin Type: RCH Series>

RCH-855 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCH-855 Datasheet PDF - Sumida Corporation

Part # RCH-855
Download  RCH-855 Click to download

File Size   181.52 Kbytes
Page   3 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor< Pin Type: RCH Series>

RCH-855 Datasheet (HTML) - Sumida Corporation


RCH-855 Product details

◆ Product Description
• 8.3mm Max. φ, 5.5mm Max. Height.
• Inductance Range: 2.5μ H~10mH
• Rated current range: 37mA~3.1A
• In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.

◆ Feature
• Magnetically unshielded construction.
• Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
• RoHS Compliance




Similar Part No. - RCH-855

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
178Kb / 2P
POWER INDUCTORS
logo
ECM Electronics Limited...
RCH-855 ECM-RCH-855 Datasheet
145Kb / 3P
Radial Leaded Inductors
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
PIN Power Inductor
More results


Similar Description - RCH-855

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
Power Inductor Pin Type:
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
Power Inductor Pin Type:
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
Power Inductor< Pin Type :RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
Power Inductor< Pin Type: RCH Series>
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com