Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK1D1204 Datasheet (PDF) - Texas Instruments

LMK1D1204 Datasheet PDF - Texas Instruments
Part # LMK1D1204
Download  LMK1D1204 Download
File Size   1174.22 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer

LMK1D1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK1D1204 Datasheet PDF - Texas Instruments

Part # LMK1D1204
Download  LMK1D1204 Click to download

File Size   1174.22 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer

LMK1D1204 Datasheet (HTML) - Texas Instruments


LMK1D1204 Product details

1 Features
• High-performance LVDS clock buffer family with 2
inputs and 4 outputs (2:4)
• Output frequency up to 2 GHz
• Hardware pins for individual output enable/disable
• Supply voltage: 1.8 V / 2.5 V / 3.3 V ± 5%
• Low additive jitter: < 60 fs rms maximum in 12 kHz
to 20 MHz at 156.25 MHz
– Very low phase noise floor: -164 dBc/Hz
(typical)
• Very low propagation delay: < 575 ps maximum
• Output skew: 20 ps maximum
• Fail-safe inputs
• Universal inputs accept LVDS, LVPECL, LVCMOS,
HCSL and CML
• LVDS reference voltage, VAC_REF, available for
capacitive-coupled inputs
• Industrial temperature range: –40°C to 105°C
• Packages available:
– 5-mm × 5-mm, 28-pin VQFN (RHD)

2 Applications
• Telecommunications and networking
• Medical imaging
• Test and measurement
• Wireless infrastructure
• Pro audio, video and signage

3 Description
The LMK1D1204P clock buffer distributes one of two
selectable clock inputs (IN0 and IN1) to 4 pairs of
differential LVDS clock outputs (OUT0 through OUT3)
with minimum skew for clock distribution. The inputs
can be either LVDS, LVPECL, LVCMOS, HCSL, or
CML.
The LMK1D1204P is specifically designed for driving
50-Ω transmission lines. When driving inputs in
single-ended mode, apply the appropriate bias
voltage to the unused negative input pin (see Figure
9-6). The IN_SEL pin selects the input which is routed
to the outputs. The part supports a fail-safe input
function. The device further incorporates an input
hysteresis which prevents random oscillation of the
outputs in the absence of an input signal.
Each LVDS differential output is enabled by setting
the corresponding OEx pin to a logic high "1". If this
pin is set to a logic low "0", the output is disabled in a
high Z state resulting in reduced power consumption.
The device operates in a 1.8-V, 2.5-V, or 3.3-V
supply environment and is characterized from –40°C
to 105°C (ambient temperature).




Similar Part No. - LMK1D1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1204 TI-LMK1D1204 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
SEPTEMBER 2024
LMK1D1204 TI-LMK1D1204 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D1204 TI1-LMK1D1204 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D1204 TI2-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
More results


Similar Description - LMK1D1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com