Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02350 Datasheet (PDF) - Premier Farnell Limited.

D02350 Datasheet PDF - Premier Farnell Limited.
Part # D02350
Download  D02350 Download
File Size   144.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Mini Cleaning Brush

D02350 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02350 Datasheet PDF - Premier Farnell Limited.

Part # D02350
Download  D02350 Click to download

File Size   144.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Mini Cleaning Brush

D02350 Datasheet (HTML) - Premier Farnell Limited.


D02350 Product details

Description:
A cleaning brush measuring 115mm in length and which has a rigid impact
resistant plastic handle, stainless steel fibre receptacle and 25mm long,
synthetic bristles. The brushes are ideal for removing dust, debris, flux
and other contaminants




Similar Part No. - D02350

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02351 DURATOOL-D02351 Datasheet
120Kb / 1P
4Pc Spring Hook Set
28/08/14 V1.0
D02354 DURATOOL-D02354 Datasheet
209Kb / 1P
Leather Tool Belt
27/08/14 V1.0
D02355 DURATOOL-D02355 Datasheet
232Kb / 1P
Small Tool Bag
01/09/14 V1.0
D02356 DURATOOL-D02356 Datasheet
226Kb / 1P
Medium Tool Bag
01/09/14 V1.0
D02357 DURATOOL-D02357 Datasheet
229Kb / 1P
Large Tool Bag
01/09/14 V1.0
More results


Similar Description - D02350

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
Glenair, Inc.
187-021 GLENAIR-187-021 Datasheet
191Kb / 1P
Fiber Optic Cleaning Swab
187-045 GLENAIR-187-045 Datasheet
192Kb / 1P
Fiber Optic Cleaning Swab
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
Ultrasonic Cleaning
logo
PANDUIT CORP.
FMTPFCT PANDUIT-FMTPFCT Datasheet
103Kb / 2P
MTP Connector Cleaning Tools
logo
C&K Components
ELUM CK-COMPONENTS-ELUM Datasheet
286Kb / 5P
Reliable self-cleaning contact
logo
DISCO Corporation
DCS1440 DISCO-DCS1440 Datasheet
295Kb / 2P
Automatic Cleaning System
DCS1441 DISCO-DCS1441 Datasheet
449Kb / 2P
Automatic Cleaning System
logo
PHOENIX CONTACT
1044350 PHOENIX-1044350 Datasheet
51Kb / 2P
Cleaning cartridge - BM ID-CLEANING CARTR
09/12/2020
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
Cleaning pen - CLEANING STICK
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com