Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON4803 Datasheet (PDF) - Alpha & Omega Semiconductors

AON4803 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON4803
Download  AON4803 Download
File Size   189.38 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AON4803 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON4803 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON4803
Download  AON4803 Click to download

File Size   189.38 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AON4803 Datasheet (HTML) - Alpha & Omega Semiconductors


AON4803 Product details

General Description
The AON4803 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
   VDS                                    -20V
   ID (at VGS=-4.5V)              -3.4A
   RDS(ON) (at VGS=-4.5V)  < 90mΩ
   RDS(ON) (at VGS =-2.5V) < 120mΩ
   RDS(ON) (at VGS =-1.8V) < 165mΩ




Similar Part No. - AON4803

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803 Datasheet
313Kb / 5P
20V Dual P-Channel MOSFET
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
20V Dual P-Channel MOSFET
More results


Similar Description - AON4803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com