Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH90 Datasheet (PDF) - Extech Instruments Corporation.

PH90 Datasheet PDF - Extech Instruments Corporation.
Part # PH90
Download  PH90 Download
File Size   404.8 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description PH90 Waterproof pH Meter

PH90 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH90 Datasheet PDF - Extech Instruments Corporation.

Part # PH90
Download  PH90 Click to download

File Size   404.8 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description PH90 Waterproof pH Meter

PH90 Datasheet (HTML) - Extech Instruments Corporation.


PH90 Product details

Features
• Rugged replaceable flat surface pH electrode for quick
on-the-spot pH measurements
• Simultaneous display of pH and Temperature
• 2 or 3 point calibration automatically recognizes buffer
solutions (order pH buffers separately)
• PTS (percent of slope) tells you when it’s time to
replace your electrode (below 70% or above 130%)
• Automatic Temperature Compensation
• Data Hold, Min/Max, Auto Power Off, and low battery
indication
• Waterproof design (IP57) floats in water and protects
the meter in wet environment
• Complete with flat surface pH electrode, protective
sensor cap, and two 3V CR-2032 button batteries
(pH buffers are required for calibration - sold separately)

APPLICATIONS:
- Agriculture
- Anti-freeze recycling
- Aquarium
- Boiler
- Chemical industry
- Cooling tower
- Drinking water
- Fish farming
- Food industry
- Garden
- Hydroponic
- Laboratory usage
- Plating industry
- Swimming pool & Spa
- Water treatment




Similar Part No. - PH90

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PH9006NL PULSE-PH9006NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
logo
NXP Semiconductors
PH9025L NXP-PH9025L Datasheet
92Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 01-23 August 2007
PH9030L NXP-PH9030L Datasheet
162Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 01-29 July 2008
logo
Pulse A Technitrol Comp...
PH9058NL PULSE-PH9058NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
Isolation Power Transformers
More results


Similar Description - PH90

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
PH50 EXTECH-PH50 Datasheet
113Kb / 1P
pH Waterproof Meter
PH220A EXTECH-PH220A Datasheet
116Kb / 9P
Waterproof Palm pH Meter
PH50 EXTECH-PH50_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH60 EXTECH-PH60_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
ExStik짰 Waterproof Refillable pH Meter
PH220-C EXTECH-PH220-C_15 Datasheet
242Kb / 1P
Waterproof Palm pH??Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com