Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT90 Datasheet (PDF) - Texas Instruments

LMT90 Datasheet PDF - Texas Instruments
Part # LMT90
Download  LMT90 Download
File Size   1147.49 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT90 Industry-Standard, ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LMT90 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT90 Datasheet PDF - Texas Instruments

Part # LMT90
Download  LMT90 Click to download

File Size   1147.49 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT90 Industry-Standard, ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LMT90 Datasheet (HTML) - Texas Instruments


LMT90 Product details

1 Features
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
– Drop-in functional equivalent to LM50C
• LMT90 Temperature Accuracy:
– ±3°C (Max) at 25°C
– ±4°C (Max) over −40°C to +125°C
• Operating supply range: 4.5V to 10V
• Quiescent Current (Typ): 95μA
• Available in Standard SOT23-3 package
• Nonlinearity: ±0.8°C (Max)
• DC Output Impedance: 2kΩ/4kΩ (typ/Max)
– Enables driving large capacitive loads
• Cost-Effective Alternative to Thermistors

2 Applications
• Mobile phones, PC & notebooks
• Data storage
• Battery Management
• Home and Multifunction printers
• Medical and healthcare Instruments
• HVAC System
• Power Supply Modules

3 Description
The LMT90 device is a cost-optimized precision
analog temperature sensor developed as a linear
alternative to discrete thermistors. This device can
measure temperatures from -40°C to 125°C using
a single positive supply. The output voltage of
the device is linearly proportional to temperature
(10mV/°C) and has a DC offset of 500mV at 0°C. The
offset allows reading negative temperatures without
the need for a negative supply. The output voltage of
the LMT90 ranges from 100mV (at –40°C) to 1.75V
(at 125°C), simplifying analog-to-digital converter
(ADC) interfacing.
The LMT90 is a drop-in equivalent to LM50C and
does not require any external calibration, trimming
or software linearization leading to simplifying the
circuitry requirements in a single supply environment.
Due to low quiescent current of LMT90 (typically
around 95μA), self-heating is limited to a very low
0.2°C (in still air). This device is suitable for HVAC,
appliance, and consumer electronics applications.
Trimming and calibration of the LMT90 at the
wafer level supports long-term availability, low cost
and consistent accuracy (±3°C at 25°C, ±4°C over
temperature range).




Similar Part No. - LMT90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90 Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZT TI-LMT90DBZT Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Similar Description - LMT90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com