Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV654 Datasheet (PDF) - Texas Instruments

LMV654 Datasheet PDF - Texas Instruments
Part # LMV654
Download  LMV654 Download
File Size   1157.71 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV65x 12-MHz, Low Voltage, Low Power Amplifiers

LMV654 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV654 Datasheet PDF - Texas Instruments

Part # LMV654
Download  LMV654 Click to download

File Size   1157.71 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV65x 12-MHz, Low Voltage, Low Power Amplifiers

LMV654 Datasheet (HTML) - Texas Instruments


LMV654 Product details

1 Features
1• Typical 5-V Supply, Unless Otherwise Noted
• Specified 3-V and 5-V Performance
• Low Power Supply Current
– LMV651: 116 μA
– LMV652: 118 μA per Amplifier
– LMV654: 122 μA per Amplifier
• High Unity-Gain Bandwidth: 12 MHz
• Maximum Input Offset Voltage: 1.5 mV
• CMRR: 100 dB
• PSRR: 95 dB
• Input Referred Voltage Noise: 17 nV/√Hz
• Output Swing With 2-kΩ Load, 120 mV from Rail
• Total Harmonic Distortion: 0.003% at 1 kHz, 2 kΩ
• Temperature Range: −40°C to 125°C

2 Applications
• Portable Equipment
• Automotive
• Battery-Powered Systems
• Sensors and Instrumentation

3 Description
TI’s LMV65x devices are high-performance, lowpower
operational amplifier ICs implemented with TI's
advanced VIP50 process. This family of parts
features 12 MHz of bandwidth while consuming only
116 μA of current, which is an exceptional bandwidth
to power ratio in this operational amplifier class. The
LMV65x devices are unity-gain stable and provide an
excellent solution for general-purpose amplification in
low-voltage, low-power applications.
This family of low-voltage, low-power amplifiers
provides superior performance and economy in terms
of power and space usage. These operational
amplifiers have a maximum input offset voltage of 1.5
mV, a rail-to-rail output stage, and an input commonmode
voltage range that includes ground. The
LMV65x provide a PSRR of 95 dB, a CMRR of 100
dB, and a total harmonic distortion (THD) of 0.003%
at 1-kHz frequency and 2-kΩ load.
The operating supply voltage range for this family of
parts is from 2.7 V and 5.5 V. These operational
amplifiers can operate over a wide temperature range
(−40°C to 125°C), making them ideal for automotive
applications, sensor applications, and portable
equipment applications. The LMV651 is offered in the
ultra-tiny 5-pin SC70 and 5-pin SOT-23 package. The
LMV652 is offered in an 8-pin VSSOP package. The
LMV654 is offered in a 14-pin TSSOP package.




Similar Part No. - LMV654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
Quad, 12 MHz, Low Voltage, Low Power Amplifier
LMV654 NSC-LMV654 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV654 NSC-LMV654 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
LMV654MT NSC-LMV654MT Datasheet
509Kb / 5P
Quad, 12 MHz, Low Voltage, Low Power Amplifier
LMV654MT NSC-LMV654MT Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
More results


Similar Description - LMV654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
LMV651 TI1-LMV651 Datasheet
1Mb / 33P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com