Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MFX/NOPB Datasheet (PDF) - Texas Instruments

LMV641MFX/NOPB Datasheet PDF - Texas Instruments
Part # LMV641MFX/NOPB
Download  LMV641MFX/NOPB Download
File Size   1166.76 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV641 10-MHz, 12-V, Low-Power Amplifier

LMV641MFX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV641MFX/NOPB Datasheet PDF - Texas Instruments

Part # LMV641MFX/NOPB
Download  LMV641MFX/NOPB Click to download

File Size   1166.76 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV641 10-MHz, 12-V, Low-Power Amplifier

LMV641MFX/NOPB Datasheet (HTML) - Texas Instruments


LMV641MFX/NOPB Product details

1 Features
1• Specified for 2.7-V, and ±5-V Performance
• Low Power Supply Current: 138 μA
• High Unity Gain Bandwidth: 10 MHz
• Max Input Offset Voltage: 500 μV
• CMRR: 120 dB
• PSRR: 105 dB
• Input Referred Voltage Noise: 14 nV/√Hz
• 1/f Corner Frequency: 4 Hz
• Output Swing With 2-kΩ Load 40 mV from Rail
• Total Harmonic Distortion: 0.002% at 1 kHz, 2 kΩ
• Temperature Range −40°C to 125°C

2 Applications
• Portable Equipment
• Battery-Powered Systems
• Sensors and Instrumentation

3 Description
The LMV641 is a low-power, wide-bandwidth
operational amplifier with an extended power supply
voltage range of 2.7 V to 12 V.
The device features 10 MHz of gain bandwidth
product with unity gain stability on a typical supply
current of 138 μA. Other key specifications are a
PSRR of 105 dB, CMRR of 120 dB, VOS of 500 μV,
input referred voltage noise of 14 nV/√Hz, and a THD
of 0.002%. This amplifier has a rail-to-rail output
stage and a common mode input voltage, which
includes the negative supply.
The LMV641 device operates over a temperature
range of −40°C to +125°C and is offered in the boardspace-
saving 5-Pin SC70, SOT-23, and 8-Pin SOIC
packages.




Similar Part No. - LMV641MFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV641MFX/NOPB TI1-LMV641MFX/NOPB Datasheet
1Mb / 27P
LMV641
More results


Similar Description - LMV641MFX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
Quad, 12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV641 NSC-LMV641 Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
LMV641 TI1-LMV641 Datasheet
1Mb / 27P
LMV641
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com