Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2486 Datasheet (PDF) - Texas Instruments

LMX2486 Datasheet PDF - Texas Instruments
Part # LMX2486
Download  LMX2486 Download
File Size   1103.84 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL

LMX2486 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2486 Datasheet PDF - Texas Instruments

Part # LMX2486
Download  LMX2486 Click to download

File Size   1103.84 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2486 1-GHz to 4.5-GHz High-Performance Delta-Sigma Low-Power Dual PLLatinum™ Frequency Synthesizers With 3-GHz Integer PLL

LMX2486 Datasheet (HTML) - Texas Instruments


LMX2486 Product details

1 Features
• Quadruple Modulus Prescaler for Lower Divids
– RF PLL: 16/17/20/21 or 32/33/36/37
– IF PLL: 8/9 or 16/17
• Advanced Delta Sigma Fractional Compensation
– 12-Bit or 22-Bit Selectable Fractional Modulus
– Up to 4th Order Programmable Delta-Sigma
Modulator
• Improved Lock Times and Programming
– Fastlock / Cycle Slip Reduction Which
Requires Only a Single-Word Write
– Integrated Time-Out Counter
• Wide Operating Range
– LMX2486 RF PLL: 1.0 GHz to 4.5 GHz
• Useful Features
– Digital Lock Detect Output
– Hardware and Software Power-Down Control
– On-Chip Crystal Reference Frequency Doubler
– RF Phase Detector Frequency Up to 50 MHz
– 2.5-V to 3.6-V Operation With ICC = 8.5 mA

2 Applications
• Cellular Phones and Base Stations
• Direct Digital Modulation Applications
• Satellite and Cable TV Tuners
• WLAN Standards

3 Description
The LMX2486 device is a low-power, high
performance delta-sigma fractional-N PLL with an auxiliary integer-N PLL. The device is fabricated
using TI’s advanced process.
With delta-sigma architecture, fractional spurs at
lower offset frequencies are pushed to higher
frequencies outside the loop bandwidth. The ability to
push close in spur and phase noise energy to higher
frequencies is a direct function of the modulator
order. Unlike analog compensation, the digital feedback technique used in the LMX2486 is highly
resistant to changes in temperature and variations in
wafer processing. The LMX2486 delta-sigma
modulator is programmable up to fourth order, which allows the designer to select the optimum modulator
order to fit the phase noise, spur, and lock time
requirements of the system.
Serial data for programming the LMX2486 is
transferred through a three-line, high-speed (20-MHz)
MICROWIRE interface. The LMX2486 offers fine frequency resolution, low spurs, fast programming
speed, and a single-word write to change the
frequency. This makes it ideal for direct digital
modulation applications, where the N-counter is
directly modulated with information. The LMX2486 is available in a 24-lead 4.0 × 4.0 × 0.8 mm WQFN
package.




Similar Part No. - LMX2486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486 Datasheet
1Mb / 41P
1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2486SQ TI1-LMX2486SQ Datasheet
1Mb / 47P
Low-Power Dual PLLatinum Frequency Synthesizers
LMX2486SQ/NOPB TI1-LMX2486SQ/NOPB Datasheet
1Mb / 47P
Low-Power Dual PLLatinum Frequency Synthesizers
LMX2486SQX TI1-LMX2486SQX Datasheet
1Mb / 47P
Low-Power Dual PLLatinum Frequency Synthesizers
More results


Similar Description - LMX2486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com