Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV793 Datasheet (PDF) - Texas Instruments

LMV793 Datasheet PDF - Texas Instruments
Part # LMV793
Download  LMV793 Download
File Size   1089.93 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers

LMV793 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV793 Datasheet PDF - Texas Instruments

Part # LMV793
Download  LMV793 Click to download

File Size   1089.93 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers

LMV793 Datasheet (HTML) - Texas Instruments


LMV793 Product details

1FEATURES
2(Typical 5V Supply, Unless Otherwise Noted)
• Input Referred Voltage Noise 5.8 nV/√Hz
• Input Bias Current 100 fA
• Gain Bandwidth Product 88 MHz
• Supply Current per Channel
– LMV793 1.15 mA
– LMV794 1.30 mA
• Rail-to-Rail Output Swing
– @ 10 kΩ Load 25 mV from Rail
– @ 2 kΩ Load 45 mV from Rail
• Ensured 2.5V and 5.0V Performance
• Total Harmonic Distortion 0.04% @1 kHz, 600Ω
• Temperature Range −40°C to 125°C

APPLICATIONS
• ADC Interface
• Photodiode Amplifiers
• Active Filters and Buffers
• Low Noise Signal Processing
• Medical Instrumentation
• Sensor Interface Applications

DESCRIPTION
The LMV793 (single) and the LMV794 (dual) CMOS
input operational amplifiers offer a low input voltage
noise density of 5.8 nV/√Hz while consuming only
1.15 mA (LMV793) of quiescent current. The
LMV793/LMV794 are stable at a gain of 10 and have
a gain bandwidth product (GBW) of 88 MHz. The LMV793/LMV794 have a supply voltage range of
1.8V to 5.5V and can operate from a single supply.
The LMV793/LMV794 each feature a rail-to-rail
output stage capable of driving a 600Ω load and
sourcing as much as 60 mA of current.
The LMV793/LMV794 provide optimal performance in low voltage and low noise systems. A CMOS input
stage, with typical input bias currents in the range of
a few femto-Amperes, and an input common mode
voltage range, which includes ground, make the
LMV793/LMV794 ideal for low power sensor
applications where high speeds are needed.
The LMV793/LMV794 are manufactured using TI’s advanced VIP50 process. The LMV793 is offered in
either a 5-Pin SOT23 or an 8-Pin SOIC package. The
LMV794 is offered in either the 8-Pin SOIC or the 8-
Pin VSSOP.




Similar Part No. - LMV793

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMV793MA NSC-LMV793MA Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV793MA/NOPB TI1-LMV793MA/NOPB Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMV793MAX NSC-LMV793MAX Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results


Similar Description - LMV793

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com