Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ12002 Datasheet (PDF) - Texas Instruments

LMZ12002 Datasheet PDF - Texas Instruments
Part # LMZ12002
Download  LMZ12002 Download
File Size   1196.31 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12002 2-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ12002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ12002 Datasheet PDF - Texas Instruments

Part # LMZ12002
Download  LMZ12002 Click to download

File Size   1196.31 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12002 2-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ12002 Datasheet (HTML) - Texas Instruments


LMZ12002 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Flexible Start-up Sequencing Using External Soft-
Start Capacitor and Precision Enable
• Protection Against Inrush Currents and Faults
Such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy Mounting and Manufacturing
• Fast Transient Response for FPGAs and ASICs
• Low Output Voltage Ripple
• Pin-to-Pin Compatible With Family Devices:
– LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
– LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
• Fully WEBENCH® Power Designer Enabled
• Performance Benefits
– 12-W Maximum Total Power Output
– Up to 2-A Output Current
– Input Voltage Range 4.5 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Electrical Specifications
– Operates at High Ambient Temperature With
No Thermal Derating
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022 Class B Standard
– Low External Component Count

2 Applications
• Point-of-load Conversions from 5-V and 12-V
Input Rail
• Time-Critical Projects
• Space-Constrained High Thermal Requirement
Applications
• Negative Output Voltage Applications
(See AN-2027 SNVA425)

3 Description
The LMZ12002 SIMPLE SWITCHER® power module is an easy-to-use step-down DC-DC solution capable
of driving up to 2-A load with exceptional power
conversion efficiency, line and load regulation, and
output accuracy. The LMZ12002 is available in an
innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ12002 can accept an input voltage rail
between 4.5 V and 20 V, and can deliver an
adjustable and highly accurate output voltage as low
as 0.8 V. The LMZ12002 only requires three external
resistors and four external capacitors to complete the
power solution. The LMZ12002 is a reliable and
robust design with the following protection features:
thermal shutdown, input undervoltage lockout, output overvoltage protection, short circuit protection, output
current limit, and the device allows start-up into a
prebiased output. A single resistor adjusts the
switching frequency up to 1 MHz.




Similar Part No. - LMZ12002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12002 TI-LMZ12002 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
1Mb / 31P
LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results


Similar Description - LMZ12002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com