Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ12003 Datasheet (PDF) - Texas Instruments

LMZ12003 Datasheet PDF - Texas Instruments
Part # LMZ12003
Download  LMZ12003 Download
File Size   1167.88 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12003 3-A Simple Switcher® Power Module with 20-V Maximum Input Voltage

LMZ12003 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ12003 Datasheet PDF - Texas Instruments

Part # LMZ12003
Download  LMZ12003 Click to download

File Size   1167.88 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12003 3-A Simple Switcher® Power Module with 20-V Maximum Input Voltage

LMZ12003 Datasheet (HTML) - Texas Instruments


LMZ12003 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Flexible Start-up Sequencing Using External Soft-
start Capacitor and Precision Enable
• Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy Mounting and Manufacturing
• Fast Transient Response for FPGAs and ASICs
• Low Output Voltage Ripple
• Pin-to-Pin Compatible With Devices:
– LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
– LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
• Fully WEBENCH® Power Designer Enabled
• Electrical Specifications
– 18-W Maximum Total Power Output
– Up to 3-A Output Current
– Input Voltage Range 4.5 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Performance Benefits
– Operates at High Ambient Temperature With
No Thermal Derating
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022 Class B Standard
– Passes 10-V/m Radiated Immunity EMI Test
Standard EN61000 4-3

2 Applications
• Point-of-load Conversions from 5-V and 12-V
Input Rail
• Time-Critical Projects
• Space-Constrained High Thermal Requirement
Applications
• Negative Output Voltage Applications
(See AN-2027) SNVA425

3 Description
The LMZ12003 SIMPLE SWITCHER® power module is an easy-to-use step-down DC-DC solution capable
of driving up to 3-A load with exceptional power
conversion efficiency, line and load regulation, and
output accuracy. The LMZ12003 is available in an
innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ12003 can accept an input voltage rail
between 4.5 V and 20 V and can deliver an
adjustable and highly accurate output voltage as low
as 0.8 V. The LMZ12003 only requires three external
resistors and four external capacitors to complete the
power solution. The LMZ12003 is a reliable and
robust design with the following protection features:
thermal shutdown, input undervoltage lockout, output overvoltage protection, short circuit protection, output
current limit, and this device allows start-up into a
prebiased output. A single resistor adjusts the
switching frequency up to 1 MHz.




Similar Part No. - LMZ12003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT Datasheet
1Mb / 29P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
logo
National Semiconductor ...
LMZ12003EXTTZ NSC-LMZ12003EXTTZ Datasheet
748Kb / 10P
LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
More results


Similar Description - LMZ12003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com