Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet (PDF) - Texas Instruments

LP3921 Datasheet PDF - Texas Instruments
Part # LP3921
Download  LP3921 Download
File Size   1101.37 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier

LP3921 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3921 Datasheet PDF - Texas Instruments

Part # LP3921
Download  LP3921 Click to download

File Size   1101.37 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier

LP3921 Datasheet (HTML) - Texas Instruments


LP3921 Product details

1FEATURES
23• Charger
– DC Adapter or USB Input
– Thermally Regulated Charge Current
– Under Voltage Lockout
– 50 to 950 mA Programmable Charge
Current
• 3.0V to 5.5V Input Voltage Range
• Thermal Shutdown
• I2C-Compatible Interface for Controlling
Charger, LDO Outputs and Enabling Audio
Output
• LDO's 7 Low-Noise LDO’s
– 2 x 300 mA
– 3 x 150 mA
– 2 x 80 mA
2% (typ.) Output Voltage Accuracy on LDO's
• Audio
– Fully Differential Amplification
– Ability to Drive Capacitive Loads up to 100
pF
– No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required
• Space-Efficient 32-pin 5 x 5 mm WQFN
Package

APPLICATIONS
• CDMA Phone Handsets
• Low Power Wireless Handsets
• Handheld Information Appliances
• Personal Media Players

DESCRIPTION
The LP3921 is a fully integrated charger and multi-
regulator unit with a fully differential Boomer audio
power amplifier designed for CDMA cellular phones.
The LP3921 has a high-speed serial interface which
allows for the integration and control of a Li-Ion
battery charger, 7 low-noise low-dropout (LDO) voltage regulators and a Boomer audio amplifier.
The Li-Ion charger integrates a power FET, reverse
current blocking diode, sense resistor with current
monitor output, and requires only a few external
components. Charging is thermally regulated to
obtain the most efficient charging rate for a given
ambient temperature.
LDO regulators provide high PSRR and low noise
ideally suited for supplying power to both analog and
digital loads.
The Boomer Audio Amplifier is capable of delivering
1.1 watts of continuous average power to an 8Ω BTL
load with less than 1% distortion (THD+N). Boomer
Audio Power Amplifiers were designed specifically to
provide high quality output power with a minimal
amount of external components. The Boomer Audio
Amplifier does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption and part count is
the primary requirement. The Boomer Audio Amplifier
contains advanced pop & click circuitry which
eliminates noises during turn-on and turn-off
transitions.




Similar Part No. - LP3921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
National Semiconductor ...
LP3921SQ NSC-LP3921SQ Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921SQ/NOPB TI1-LP3921SQ/NOPB Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
National Semiconductor ...
LP3921SQE NSC-LP3921SQE Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
More results


Similar Description - LP3921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
Programmable Battery Management Unit
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com