Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3996 Datasheet (PDF) - Texas Instruments

LP3996 Datasheet PDF - Texas Instruments
Part # LP3996
Download  LP3996 Download
File Size   1225.2 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset

LP3996 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3996 Datasheet PDF - Texas Instruments

Part # LP3996
Download  LP3996 Click to download

File Size   1225.2 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset

LP3996 Datasheet (HTML) - Texas Instruments


LP3996 Product details

1FEATURES
2• 2 LDO Outputs with Independent Enable
• 1.5% Accuracy at Room Temperature, 3% Over
Temperature
• Power-On-Reset Function with Adjustable
Delay
• Thermal Shutdown Protection
• Stable with Ceramic Capacitors
• Qualified for Automotive Applications
• AEC-Q100 Test Guidance with the Following
Results:
– Device Temperature Grade 1: –40°C to
125°C
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B

APPLICATIONS
• Cellular Handsets
• PDAs
• Wireless Network Adaptors
• Automotive

DESCRIPTION
The LP3996-Q1 is a dual low dropout regulator with
power-on-reset circuit. The first regulator can source 150 mA, while the second is capable of sourcing 300
mA and has a power-on-reset function included.
The LP3996-Q1 provides 1.5% accuracy requiring an
ultra low quiescent current of 35 μA. Separate enable
pins allow each output of the LP3996-Q1 to be shut
down, drawing virtually zero current.
The device is designed to be stable with small
footprint ceramic capacitors down to 1 μF. An
external capacitor may be used to set the POR delay
time as required.
The LP3996-Q1 is available in fixed output voltages
and comes in a 10-pin, 3 mm x 3 mm package.

KEY SPECIFICATIONS
• Input Voltage Range 2.0V to 6.0V
• Low Dropout Voltage 210 mV at 300 mA
• Ultra-Low IQ (Enabled) 35 μA
• Virtually Zero IQ (Disabled) <10 nA
• Package Available in Lead-Free Option
10-pin 3 mm x 3 mm




Similar Part No. - LP3996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI2-LP3996 Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Similar Description - LP3996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
low dropout CMOS regulators with 150 mA and 300 mA
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com