Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5900 Datasheet (PDF) - Texas Instruments

LP5900 Datasheet PDF - Texas Instruments
Part # LP5900
Download  LP5900 Download
File Size   1169.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor

LP5900 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5900 Datasheet PDF - Texas Instruments

Part # LP5900
Download  LP5900 Click to download

File Size   1169.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor

LP5900 Datasheet (HTML) - Texas Instruments


LP5900 Product details

1 Features
1• Input Voltage Range, 2.5 V to 5.5 V
• Output Voltage Range, 1.5 V to 4.5 V
• Stable with 0.47-μF Ceramic Input and Output
Capacitors
• No Noise Bypass Capacitor Required
• Logic Controlled Enable
• Thermal-Overload and Short-Circuit Protection
• −40°C to 125°C Junction Temperature Range for
Operation
• Output Current, 150 mA
• Low Output Voltage Noise, 6.5 μVRMS
• PSRR, 75 dB at 1 kHz
• Output Voltage Tolerance, ±2%
• Virturally Zero IQ (Disabled), < 1 μA
• Very Low IQ (Enabled), 25 μA
• Start-up Time, 150 μs
• Low Dropout, 80 mV Typ.

2 Applications
• Cellular Phones
• PDA Handsets
• Wireless LAN Devices

3 Description
The LP5900 is an LDO capable of supplying 150-mA
output current. Designed to meet the requirements of
RF and analog circuits, the LP5900 device provides
low noise, high PSRR, low quiescent current, and low
line transient response figures. Using new innovative
design techniques the LP5900 offers class-leading
device noise performance without a noise bypass
capacitor.
The device is designed to work with 0.47-μF input
and output ceramic capacitors (no bypass capacitor
required).
The device is available in a DSBGA (YZR) package
and a WSON package; the device is also available in
an extremely thin DSBGA (YPF) package. For all
voltage and package options available today, see the
Package Option Addendum (POA) at the end of this
data sheet. For any other fixed output voltages from
1.5 V to 4.5 V in 25-mV steps and all other package
options, contact your local TI Sales office.




Similar Part No. - LP5900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
logo
Frontier Electronics.
LP5900E0805AT FRONTIER-LP5900E0805AT Datasheet
158Kb / 2P
LP5900E0805AT LOWPASS FILTER SPECIFICATION
More results


Similar Description - LP5900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com