Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952-N Datasheet (PDF) - Texas Instruments

LP2952-N Datasheet PDF - Texas Instruments
Part # LP2952-N
Download  LP2952-N Download
File Size   1085.67 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP295x Adjustable Micropower Low-Dropout Voltage Regulators

LP2952-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2952-N Datasheet PDF - Texas Instruments

Part # LP2952-N
Download  LP2952-N Click to download

File Size   1085.67 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP295x Adjustable Micropower Low-Dropout Voltage Regulators

LP2952-N Datasheet (HTML) - Texas Instruments


LP2952-N Product details

1 Features
1• 2.3-V to 30-V Input Voltage Range
• Output Voltage Adjusts from 1.23 V to 29 V
• 250-mA Output Current
• Extremely Low Quiescent Current battery•
Low Dropout Voltage
• Extremely Tight Line and Load Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Reverse Battery-Input Protection
• 50-mA (Typical) Automatic Output Discharge
• LP2953 Versions Only
– Auxiliary Comparator Included With CMOS-
and TTL-Compatible Output Levels. Can Be
Used for Fault Detection, Low-Input Line
Detection, and so on.

2 Applications
• High-Efficiency Linear Regulator
• Regulator With Undervoltage Shutdown
• Low-Dropout Battery-Powered Regulator
• Snap-ON/Snap-OFF Regulator

3 Description
The LP2952 and LP2953 are micropower voltage
regulators with very low quiescent current (130 μA typical at 1-mA load) and very low dropout voltage
(typically 60 mV at light load and 470 mV at 250-mA
load current). They are ideally suited for battery•
powered systems. Furthermore, the quiescent current increases only slightly at dropout, which prolongs
battery life.
The LP2952 and LP2953 retain all the desirable
characteristics of the LP2951, but offer increased
output current, additional features, and an improved
shutdown function.
The automatic output discharge pulls the output down
quickly when the shutdown is activated.
The error flag goes low if the output voltage drops out
of regulation.
Reverse battery-input protection is provided.
The internal voltage reference is made available for
external use, providing a low temperature coefficient
(20 ppm/°C) reference with very good line (0.03%)
and load (0.04%) regulation.




Similar Part No. - LP2952-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Similar Description - LP2952-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2950 TI-LP2950 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com