Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3996-Q1 Datasheet (PDF) - Texas Instruments

LP3996-Q1 Datasheet PDF - Texas Instruments
Part # LP3996-Q1
Download  LP3996-Q1 Download
File Size   1231.66 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset

LP3996-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3996-Q1 Datasheet PDF - Texas Instruments

Part # LP3996-Q1
Download  LP3996-Q1 Click to download

File Size   1231.66 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset

LP3996-Q1 Datasheet (HTML) - Texas Instruments


LP3996-Q1 Product details

1FEATURES
2• 2 LDO Outputs with Independent Enable
• 1.5% Accuracy at Room Temperature, 3% Over
Temperature
• Power-On-Reset Function with Adjustable
Delay
• Thermal Shutdown Protection
• Stable with Ceramic Capacitors

KEY SPECIFICATIONS
• Input Voltage Range 2.0V to 6.0V
• Low Dropout Voltage 210 mV at 300 mA
• Ultra-Low IQ (Enabled) 35 μA
• Virtually Zero IQ (Disabled) <10 nA
• Package Available in Lead-Free Option
10-pin 3 mm x 3 mm

APPLICATIONS
• Cellular Handsets
• PDAs
• Wireless Network Adaptors

DESCRIPTION
The LP3996 is a dual low dropout regulator with
power-on-reset circuit. The first regulator can source 150 mA, while the second is capable of sourcing 300
mA and has a power-on-reset function included.
The LP3996 provides 1.5% accuracy requiring an ultra low quiescent current of 35 μA. Separate enable
pins allow each output of the LP3996 to be shut
down, drawing virtually zero current.
The LP3996 is designed to be stable with small
footprint ceramic capacitors down to 1 μF. An
external capacitor may be used to set the POR delay
time as required.
The LP3996 is available in fixed output voltages and
comes in a 10-pin, 3 mm x 3 mm package.




Similar Part No. - LP3996-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI2-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
OCTOBER 2013
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Similar Description - LP3996-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
low dropout CMOS regulators with 150 mA and 300 mA
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com