Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV7215 Datasheet (PDF) - Texas Instruments

LPV7215 Datasheet PDF - Texas Instruments
Part # LPV7215
Download  LPV7215 Download
File Size   1238.28 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator

LPV7215 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV7215 Datasheet PDF - Texas Instruments

Part # LPV7215
Download  LPV7215 Click to download

File Size   1238.28 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator

LPV7215 Datasheet (HTML) - Texas Instruments


LPV7215 Product details

1 Features
1• (For V+ = 1.8 V, Typical Unless Otherwise Noted)
• Ultra-Low Power Consumption: 580 nA
• Wide Supply Voltage Range: 1.8 V to 5.5 V
• Propagation Delay: 4.5 μs
• Push-Pull Output Current Drive at 5 V 19 mA
• Temperature Range: −40°C to 125°C
• Rail-to-Rail Input
• Tiny 5-Pin SOT-23 and SC70 Packages

2 Applications
• RC Timers
• Window Detectors
• IR Receivers
• Multivibrators
• Alarm and Monitoring Circuits

3 Description
The LPV7215 device is an ultra-low-power
comparator with a typical power supply current of
580 nA. It has the best-in-class power supply current
versus propagation delay performance available
among TI's low-power comparators. The propagation
delay is as low as 4.5 μs with 100-mV overdrive at
1.8-V supply.
Designed to operate over a wide range of supply
voltages, from 1.8 V to 5.5 V, with ensured operation
at 1.8 V, 2.7 V, and 5 V, the LPV7215 is ideal for use
in a variety of battery-powered applications. With railto-
rail common-mode voltage range, the LPV7215 is
well suited for single-supply operation.
Featuring a push-pull output stage, the LPV7215
allows for operation with absolute minimum power
consumption when driving any capacitive or resistive
load.
Available in a choice of space-saving packages, the
LPV7215 is ideal for use in handheld electronics and
mobile phone applications. The LPV7215 is
manufactured with TI's advanced VIP50 process.




Similar Part No. - LPV7215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215 NSC-LPV7215 Datasheet
501Kb / 7P
580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
National Semiconductor ...
LPV7215MF NSC-LPV7215MF Datasheet
501Kb / 7P
580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
More results


Similar Description - LPV7215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
LPV7215 TI1-LPV7215_14 Datasheet
1Mb / 28P
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com