Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811 Datasheet (PDF) - Texas Instruments

LPV811 Datasheet PDF - Texas Instruments
Part # LPV811
Download  LPV811 Download
File Size   1094.27 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier

LPV811 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV811 Datasheet PDF - Texas Instruments

Part # LPV811
Download  LPV811 Click to download

File Size   1094.27 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier

LPV811 Datasheet (HTML) - Texas Instruments


LPV811 Product details

1 Features
1• Quiescent Current: 650 nA
• Low Offset Voltage: ±10 μV (Maximum)
• Offset Voltage Drift: ±0.096 μV/°C (Maximum)
• 0.1-Hz to 10-Hz Noise: 3.9 μVPP
• Input Bias Current: ±7 pA
• Gain Bandwidth: 8 kHz
• Supply Voltage: 1.7 V to 3.6 V
• Rail-to-Rail Input/Output
• Industry Standard Package
– Single in 5-pin SOT-23
• EMI Hardened

2 Applications
• Battery-Powered Instruments
• Gas Detection
• Process Analytics
• Fault Monitoring
• Current Sensing
– Shunt Resistor
– Current Transformer
• Temperature Measurements
– High Impedance Thermistors
– RTD's, Thermocouples
• Strain Gauges
– Electronic Scales
– Pressure Sensors

3 Description
The LPV821 is a single-channel, nanopower, zerodrift
operational amplifier for “Always ON” sensing
applications in wireless and wired equipment where
low input offset is required. With the combination of
low initial offset, low offset drift, and 8 kHz of
bandwidth from 650 nA of quiescent current, the
LPV821 is the industry's lowest power zero-drift
amplifier that can be used for end equipment that
monitor current consumption, temperature, gas, or
strain gauges.
The LPV821 zero-drift operational amplifier uses a
proprietary auto-calibration technique to
simultaneously provide low offset voltage (10 μV,
maximum) and minimal drift over time and
temperature. In addition to having low offset and
ultra-low quiescent current, the LPV821 amplifier has
pico-amp bias currents which reduce errors
commonly introduced in applications monitoring
sensors with high output impedance and amplifier
configurations with megaohm feedback resistors.




Similar Part No. - LPV811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
LPV811 TI2-LPV811 Datasheet
986Kb / 28P
TLV8811,TLV8812 425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
REVISED NOVEMBER 2016
LPV811 TI2-LPV811 Datasheet
1,001Kb / 30P
LPV801/LPV802 320 nA Nanopower Operational Amplifiers
REVISED NOVEMBER 2016
LPV811 TI2-LPV811 Datasheet
1Mb / 31P
LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
REVISED NOVEMBER 2016
LPV811DBVR TI1-LPV811DBVR Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
More results


Similar Description - LPV811

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
LPV821 TI1-LPV821 Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821 TI1-LPV821_18 Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com