Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet (PDF) - Texas Instruments

MAX660 Datasheet PDF - Texas Instruments
Part # MAX660
Download  MAX660 Download
File Size   1136.83 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX660 Switched Capacitor Voltage Converter

MAX660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX660 Datasheet PDF - Texas Instruments

Part # MAX660
Download  MAX660 Click to download

File Size   1136.83 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX660 Switched Capacitor Voltage Converter

MAX660 Datasheet (HTML) - Texas Instruments


MAX660 Product details

1 Features
1• Inverts or Doubles Input Supply Voltage
• Narrow SO-8 Package
• 6.5-Ω Typical Output Resistance
• 88% Typical Conversion Efficiency at 100 mA
• Selectable Oscillator Frequency: 10 kHz/80 kHz

2 Applications
• Laptop Computers
• Cellular Phones
• Medical Instruments
• Operational Amplifier Power Supplies
• Interface Power Supplies
• Handheld Instruments

3 Description
The MAX660 CMOS charge-pump voltage converter
is a versatile unregulated switched-capacitor inverter
or doubler. Operating from a wide 1.5-V to 5.5-V
supply voltage, the MAX660 uses two low-cost
capacitors to provide 100 mA of output current
without the cost, size and EMI related to inductorbased
converters. With an operating current of only
120 μA and operating efficiency greater than 90% at
most loads, the MAX660 provides ideal performance
for battery-powered systems. MAX660 devices can
be operated directly in parallel to lower output
impedance, thus providing more current at a given
voltage.
The FC (frequency control) pin selects between a
nominal 10-kHz or 80-kHz oscillator frequency. The
oscillator frequency can be lowered by adding an
external capacitor to the OSC pin. Also, the OSC pin
may be used to drive the MAX660 with an external
clock up to 150 kHz. Through these methods, output
ripple frequency and harmonics may be controlled.
Additionally, the MAX660 may be configured to divide
a positive input voltage precisely in half. In this mode,
input voltages as high as 11 V may be used.




Similar Part No. - MAX660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MAX660 NSC-MAX660 Datasheet
259Kb / 11P
Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
MAX660 MAXIM-MAX660 Datasheet
678Kb / 4P
High-Frequency Developers Kit for
Rev 1; 2/10
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
MAX66000E MAXIM-MAX66000E Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
More results


Similar Description - MAX660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com