Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4596DBVR.B Datasheet (PDF) - Texas Instruments

MAX4596DBVR.B Datasheet PDF - Texas Instruments
Part # MAX4596DBVR.B
Download  MAX4596DBVR.B Download
File Size   1115.71 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL 10-2 SPST ANALOG SWITCH

MAX4596DBVR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4596DBVR.B Datasheet PDF - Texas Instruments

Part # MAX4596DBVR.B
Download  MAX4596DBVR.B Click to download

File Size   1115.71 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL 10-2 SPST ANALOG SWITCH

MAX4596DBVR.B Datasheet (HTML) - Texas Instruments


MAX4596DBVR.B Product details

Description
The MAX4596 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 2 V to
5 V. This device can handle both digital and analog
signals, and signals up to V+ (peak) can be transmitted
in either direction.

Applications
Sample-and-Hold Circuits
Battery-Powered Equipment
Audio and Video Signal Routing
Communication Circuits

Features
Low ON-State Resistance (10 )
ON-State Resistance Flatness (1.5 )
Control Inputs Are 5.5-V Tolerant
Low Charge Injection (5 pC Max)
300-MHz −3-dB Bandwidth at 25C
Low Total Harmonic Distortion (THD) (0.05%)
2-V to 5.5-V Single-Supply Operation
Specified at 5-V and 3.3-V Nodes
−83-dB OFF Isolation at 1 MHz
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
0.5-nA Max OFF Leakage
ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
TTL/CMOS-Logic Compatible




Similar Part No. - MAX4596DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596DBVR TI-MAX4596DBVR Datasheet
148Kb / 13P
SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DBVR TI1-MAX4596DBVR Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596DBVRE4 TI-MAX4596DBVRE4 Datasheet
148Kb / 13P
SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DBVRE4 TI1-MAX4596DBVRE4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596DBVRG4 TI1-MAX4596DBVRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
More results


Similar Description - MAX4596DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
MAX4597DCKR TI-MAX4597DCKR Datasheet
692Kb / 16P
SINGLE-CHANNEL 10-占쏙옙 SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com