Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1211Y2 Datasheet (PDF) - Texas Instruments

MSC1211Y2 Datasheet PDF - Texas Instruments
Part # MSC1211Y2
Download  MSC1211Y2 Download
File Size   1128.66 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) ‘with 8051 Microcontroller and Flash Memory

MSC1211Y2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1211Y2 Datasheet PDF - Texas Instruments

Part # MSC1211Y2
Download  MSC1211Y2 Click to download

File Size   1128.66 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) ‘with 8051 Microcontroller and Flash Memory

MSC1211Y2 Datasheet (HTML) - Texas Instruments


MSC1211Y2 Product details

FEATURES
ANALOG FEATURES
24 Bits No Missing Codes
22 Bits Effective Resolution at 10Hz
− Low Noise: 75nV
PGA From 1 to 128
Precision On-Chip Voltage Reference
− Accuracy: 0.2%
− Drift: 5ppm/°C
Differential/Single-Ended Channels
On-Chip Offset/Gain Calibration
Offset Drift: 0.1ppm/°C
Gain Drift: 0.5ppm/°C
On-Chip Temperature Sensor
Selectable Buffer Input
Burnout Detect
16-Bit Monotonic Voltage DACS:
− Quad Voltage DACs (MSC1211, MSC1212)
− Dual Voltage DACs (MSC1213, MSC1214)
DIGITAL FEATURES
Microcontroller Core
8051-Compatible
High-Speed Core
− 4 Clocks per Instruction Cycle
DC to 40MHz at +85C
Single Instruction 100ns
Dual Data Pointer
Memory
Up To 32kB Flash Memory
Flash Memory Partitioning
Endurance 1M Erase/Write Cycles,
100-Year Data Retention
In-System Serially Programmable
External Program/Data Memory (64kB)
1,280 Bytes Data SRAM
Flash Memory Security
2kB Boot ROM
Programmable Wait State Control
Peripheral Features
34 I/O Pins
Additional 32-Bit Accumulator
Three 16-Bit Timer/Counters
System Timers
Programmable Watchdog Timer
Full-Duplex Dual USARTs
Master/Slave SPI with DMA
Multi-master I2C (MSC1211 and MSC1213)
16-Bit PWM
Power Management Control
Internal Clock Divider
Idle Mode Current < 200μA
Stop Mode Current < 100nA
Programmable Brownout Reset
Programmable Low-Voltage Detect
24 Interrupt Sources
Two Hardware Breakpoints
GENERAL FEATURES
Pin-Compatible with MSC1210
Package: TQFP-64
Low Power: 4mW
Industrial Temperature Range:
−40°C to +125°C
Power Supply: 2.7V to 5.25V

APPLICATIONS
Industrial Process Control
Instrumentation
Liquid/Gas Chromatography
Blood Analysis
Smart Transmitters
Portable Instruments
Weigh Scales
Pressure Transducers
Intelligent Sensors
Portable Applications
DAS Systems




Similar Part No. - MSC1211Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211Y2 TI-MSC1211Y2 Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2 TI1-MSC1211Y2 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1211Y2PAGR TI-MSC1211Y2PAGR Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI-MSC1211Y2PAGT Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI1-MSC1211Y2PAGT Datasheet
1Mb / 109P
Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results


Similar Description - MSC1211Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com