Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-5KX3 Datasheet (PDF) - Multicomp Pro

LED-5KX3 Datasheet PDF - Multicomp Pro
Part # LED-5KX3
Download  LED-5KX3 Download
File Size   213.09 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description LED Holder Ø5 3pin Quadrate

LED-5KX3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LED-5KX3 Datasheet PDF - Multicomp Pro

Part # LED-5KX3
Download  LED-5KX3 Click to download

File Size   213.09 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description LED Holder Ø5 3pin Quadrate

LED-5KX3 Datasheet (HTML) - Multicomp Pro


LED-5KX3 Product details

Features
• Stand LED lamp on circuit board
• Pad LED with distance from circuit board
• Suit for 5mm 3 pin LED lamp

Description
Ø5 3pin Quadrate LED Holder




Similar Part No. - LED-5KX3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-50W ETC2-LED-50W_17 Datasheet
788Kb / 3P
Switch Mode LED Drivers
logo
HB Electronic Component...
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
Single color
logo
List of Unclassifed Man...
LED-5SX3 ETC1-LED-5SX3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
LED-5X3 ETC1-LED-5X3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
More results


Similar Description - LED-5KX3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6809 A-POWER-APE6809 Datasheet
171Kb / 9P
3PIN MICROPROCESSOR RESET CIRCUIT
logo
ERNI Electronics
224888 ERNI-224888 Datasheet
34Kb / 1P
CCCS M8, 3pin / pigtail
224891 ERNI-224891 Datasheet
33Kb / 1P
CCCS M8, 3pin / pigtail
224892 ERNI-224892 Datasheet
36Kb / 1P
CCCS M8, 3pin / pigtail
224894 ERNI-224894 Datasheet
35Kb / 1P
CCCS M8, 3pin / pigtail
224896 ERNI-224896 Datasheet
37Kb / 1P
CCCS M8, 3pin / M8, 3pin
224897 ERNI-224897 Datasheet
39Kb / 1P
CCCS M8, 3pin / M8, 3pin
254773 ERNI-254773 Datasheet
678Kb / 1P
M12, 3pin / M8, 3pin
254777 ERNI-254777 Datasheet
662Kb / 1P
M8, 3pin / M12, 3pin
logo
SparkFun Electronics
COM-11841 SPARKFUN-COM-11841 Datasheet
200Kb / 1P
LED Holder - 10mm
5??5??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com