Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC0108T2G0-17 Datasheet (PDF) - Power Integrations, Inc.

2SC0108T2G0-17 Datasheet PDF - Power Integrations, Inc.
Part # 2SC0108T2G0-17
Download  2SC0108T2G0-17 Download
File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core

2SC0108T2G0-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC0108T2G0-17 Datasheet PDF - Power Integrations, Inc.

Part # 2SC0108T2G0-17
Download  2SC0108T2G0-17 Click to download

File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core

2SC0108T2G0-17 Datasheet (HTML) - Power Integrations, Inc.


2SC0108T2G0-17 Product details

Short Description
The low-cost SCALE™-2+ dual-driver core 2SC0108T2G0-17 (Connector pin length of 3.1mm, suitable for PCB
thickness of 2mm; increased EMI capability; SSD implemented; lead free) / 2SC0108T2G0C-17 (Coated version
using ELPEGUARD SL 1307 FLZ/2 from Lackwerke Peters) combines unrivalled compactness with broad
applicability. The driver is designed for universal applications requiring high reliability. The 2SC0108T2G0(C)-
17 drives all usual IGBT modules up to 600A/1200V or 450A/1700V. The embedded paralleling capability
allows easy inverter design covering higher power ratings. Multi-level topologies are also supported.
The 2SC0108T2G0(C)-17 is the most compact driver core available for industrial applications, with a footprint
of only 45 x 34.3mm and an insertion height of max. 16mm. It allows even the most restricted insertion
spaces to be efficiently used. Compared with conventional drivers, the highly integrated SCALE-2+ chipset
allows about 85% of components to be dispensed with. This advantage is impressively reflected in increased
reliability at simultaneously minimized cost.
The 2SC0108T2G0(C)-17 combines a complete two-channel driver core with all components required for
driving, such as an isolated DC/DC converter, short-circuit protection, Soft Shut Down (SSD) as well as supply
voltage monitoring. Each of the two output channels is electrically isolated from the primary side and the other
secondary channel.
An output current of 8A and 1W drive power is available per channel, making the 2SC0108T2G0(C)-17 an ideal
driver platform for universal usage in small and medium power applications. The driver provides a gate voltage
swing of +15V/–8V. The turn-on voltage is regulated to maintain a stable 15V regardless of the output power
level.
Its outstanding EMC allows safe and reliable operation in even harsh industrial applications.

Applications
General purpose drives
Uninterruptible power supplies (UPS)
Solar and wind power converters
Auxiliary converters for traction
Electro/hybrid drive vehicles
Driving parallel-connected IGBTs
Switched mode power supplies (SMPS)
Medical (MRT, CT, X-Ray)
Laser technology




Similar Part No. - 2SC0108T2G0-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC0108T2A0-17 ETC2-2SC0108T2A0-17 Datasheet
511Kb / 32P
DESCRIPTION AND APPLICATION MANUAL FOR SCALE DRIVERS
logo
Power Integrations, Inc...
2SC0108T2D0-07 POWERINT-2SC0108T2D0-07 Datasheet
131Kb / 7P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2016-05-20
2SC0108T2D0-12 POWERINT-2SC0108T2D0-12 Datasheet
245Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2018-01-25
2SC0108T2D0C-12 POWERINT-2SC0108T2D0C-12 Datasheet
245Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2018-01-25
2SC0108T2F1-17 POWERINT-2SC0108T2F1-17 Datasheet
250Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
Version 2.0 from 2018-01-25
More results


Similar Description - 2SC0108T2G0-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
logo
Semtech Corporation
E7802 SEMTECH-E7802 Datasheet
574Kb / 22P
Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
Low Cost & Compact
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
NXP Semiconductors
68HC05V7 NXP-68HC05V7 Datasheet
1Mb / 170P
Low cost, HC05 Core
REV 1.0
logo
BCM Advanced Research.
AR8MXMM BCM-AR8MXMM Datasheet
464Kb / 1P
i.MX8M Mini Quad Core SoC Ultra Compact, Ultra Low Power ARM Motherboard
2021/06/09
logo
Nexperia B.V. All right...
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com