Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74502Q Datasheet (PDF) - Diodes Incorporated

AP74502Q Datasheet PDF - Diodes Incorporated
Part # AP74502Q
Download  AP74502Q Download
File Size   1173.68 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER

AP74502Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP74502Q Datasheet PDF - Diodes Incorporated

Part # AP74502Q
Download  AP74502Q Click to download

File Size   1173.68 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER

AP74502Q Datasheet (HTML) - Diodes Incorporated


AP74502Q Product details

Features
• Input Voltage Ranges from 3.2V to 80V (3.9V Start-Up)
• -80V Reverse Battery Voltage
• Charge Pump for External N-ch Power MOSFETs
• Drives External Back to Back N-ch MOSFETs
• Gate Driver Strength Option
• AP74502Q: 60μA Peak Gate Source
• AP74502HQ: 11mA Peak Gate Source
• Low Shutdown Current of 0.9μA When Disabled
• Low Quiescent Current of 62μA When Enabled
• 2.3A Peak Gate Turn-Off Current
• ESD Protection: 2kV of HBM and 750V of CDM
• AEC-Q100 Qualification Compliance with Device Temperature
Grade 1 (-40°C to +125°C Ambient Operating Temperature
Range)
• 8-Pin SOT28 Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP74502Q, AP74502HQ are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF16949 certified facilities.

Applications
• Automotive body control units
• Automotive infotainment systems – head units, telematics
control units
• Automotive ADAS systems – cameras
• Power of industrial automation such as PLC
• Enterprise power supplies




Similar Part No. - AP74502Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP74502Q DIODES-AP74502Q Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
AP74502QTA8-7 DIODES-AP74502QTA8-7 Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
AP74502Q DIODES-AP74502Q_V01 Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
More results


Similar Description - AP74502Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74502 TI-LM74502 Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502 TI-LM74502_V01 Datasheet
1Mb / 30P
LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
MAY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com