Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX64904 Datasheet (PDF) - Diodes Incorporated

PI3EQX64904 Datasheet PDF - Diodes Incorporated
Part # PI3EQX64904
Download  PI3EQX64904 Download
File Size   378.26 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 64GT/s PAM4, 4-Channels PCIe 6.0 ReDriver

PI3EQX64904 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX64904 Datasheet PDF - Diodes Incorporated

Part # PI3EQX64904
Download  PI3EQX64904 Click to download

File Size   378.26 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 64GT/s PAM4, 4-Channels PCIe 6.0 ReDriver

PI3EQX64904 Datasheet (HTML) - Diodes Incorporated


PI3EQX64904 Product details

Features
y 1GT/s NRZ to 64GT/s PAM4 Linear Equalizer
y Increases High-Frequency Signal Level to Help RX DFE
Achieve Low BER
y 4 Differential Channels, x2 Lane PCIe Gen 1/Gen 2/Gen
3/Gen 4/Gen 5/Gen 6 Applications
y 4 Differential Channels, x2 lane SAS4
y Per Channel Selectable Adjustment of Receiver
Equalization, Zero Setting, Output Swing and Flat Gain
y Per Channel Activity Detector with Selectable Input
Termination 50Ω to VCC or 200KΩ to VbiasRX
y Per Channel Output Termination Detector on Power Up
with Selectable Output Termination 50Ω to VCC, 3KΩ to
VbiasTX and High Impedance
y Rate and Coding Agnostic
y Transparent to Link Training, OOB and idle
y Single Ended Mode Receiver Detection for the PCIe
Application
y PRSNT# Power Control for PCIe Modern Standby
y Single Power Supply of 3.3V +/-0.3V
y Pin Strap Control
y Input Threshold Detection
y 250mW Typical per Channel Power Dissipation with a
1000mVpp Output Swing at 16GHz
y Support I2C Master and Slave Mode
y Ambient Operating Temperature: -40oC to 85oC
y Packaging (Pb-free & Green):
à 31-Contact, W-LGA6127-31 (FLA)
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.




Similar Part No. - PI3EQX64904

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX64904 DIODES-PI3EQX64904 Datasheet
398Kb / 2P
High-Speed 4-Channel ReDriver Supports PCIe® 6.0, 64GT/s, PAM4 in Latest Computing and Communication Systems
June 2025
PI3EQX64904FLAEX DIODES-PI3EQX64904FLAEX Datasheet
398Kb / 2P
High-Speed 4-Channel ReDriver Supports PCIe® 6.0, 64GT/s, PAM4 in Latest Computing and Communication Systems
June 2025
PI3EQX64904 DIODES-PI3EQX64904_V01 Datasheet
398Kb / 2P
High-Speed 4-Channel ReDriver Supports PCIe® 6.0, 64GT/s, PAM4 in Latest Computing and Communication Systems
June 2025
More results


Similar Description - PI3EQX64904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Texas Instruments
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
logo
Pericom Semiconductor C...
PI2EQX862 PERICOM-PI2EQX862 Datasheet
788Kb / 1P
PCIe 3.0/SATA3.0, 1-Lane, Combo ReDriver
PI3EQX5801 PERICOM-PI3EQX5801 Datasheet
749Kb / 1P
5.0Gbps, 1-Lane, PCIe 2.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
logo
Diodes Incorporated
PI3EQX16612 DIODES-PI3EQX16612 Datasheet
675Kb / 1P
16Gbps, 4-Channels PCIe DeMux ReDriver
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
16Gbps, 4-Channels PCIe Mux ReDriver
logo
Texas Instruments
DS560MB410 TI-DS560MB410 Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com