Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2101 Datasheet (PDF) - ON Semiconductor

FPF2101 Datasheet PDF - ON Semiconductor
Part # FPF2101
Download  FPF2101 Download
File Size   429.78 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IntelliMAX™ Advanced Load Management Products

FPF2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF2101 Datasheet PDF - ON Semiconductor

Part # FPF2101
Download  FPF2101 Click to download

File Size   429.78 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IntelliMAX™ Advanced Load Management Products

FPF2101 Datasheet (HTML) - ON Semiconductor


FPF2101 Product details

Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
200mA and 400mA Current Limit Options
Undervoltage Lockout
Thermal Shutdown
<1μA Shutdown Current
Auto restart
Fast Current limit Response Time
3μs to Moderate Over Currents
20ns to Hard Shorts
Fault Blanking
RoHS Compliant

Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies

General Description
The FPF2100 through FPF2107 is a family of load switches which provide full protection to systems and loads which may encounter large current conditions. These devices contain a 0.125Ω current-limited P-channel MOSFET which can operate over an input voltage range of 1.8-5.5V. Switch control is by a logic input (ON) capable of interfacing directly with low voltage control signals. Each part contains thermal shutdown protection which shuts off the switch to prevent damage to the part when a continuous over-current condition causes excessive heating.
When the switch current reaches the current limit, the part operates in a constant-current mode to prohibit excessive currents from causing damage. For the FPF2100-FPF2102 and FPF2104-FPF2106, if the constant current condition still persists after 10ms, these parts will shut off the switch and pull the fault signal pin (FLAGB) low. The FPF2100, FPF2101, FPF2104 and FPF2105, have an auto-restart feature which will turn the switch on again after 160ms if the ON pin is still active. The FPF2102 and FPF2106 do not have this auto-restart feature so the switch will remain off until the ON pin is ycled. For the FPF2103 and FPF2107, a current limit condition will immediately pull the fault signal pin low and the part will remain in the constant-current mode until the switch current falls below the current limit. For the FPF2100 through FPF2103, the minimum current limit is 200mA while that for the FPF2104 through FPF2107 is 400mA.
These parts are available in a space-saving 5 pin SOT23 package.




Similar Part No. - FPF2101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2101 FAIRCHILD-FPF2101 Datasheet
431Kb / 12P
IntelliMAX Advanced Load Management Products
FPF2101 FAIRCHILD-FPF2101 Datasheet
361Kb / 12P
IntelliMAX??Advanced Load Management Products
More results


Similar Description - FPF2101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
IntelliMAX Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
IntelliMAX??Advanced Load Management Products
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com