Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-14 Datasheet (PDF) - Sumida Corporation

LC-14 Datasheet PDF - Sumida Corporation
Part # LC-14
Download  LC-14 Download
File Size   120.83 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer

LC-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC-14 Datasheet PDF - Sumida Corporation

Part # LC-14
Download  LC-14 Click to download

File Size   120.83 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer

LC-14 Datasheet (HTML) - Sumida Corporation


LC-14 Product details

General Power Transformer <Pin Type: LC Series>

◆ Product Description
•¢ 14.5mm Max.(L× W), 6.6mm Max. Height
• In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements

◆ Feature
• Magnetically shielded construction.
• Max. Operating frequency 300kHz,Max. Operating Power 3.8W(300kHz), 1.3W(100kHz).
• Ideally used in Portable equipment, Drive for fluorescent display tube.
• RoHS Compliance




Similar Part No. - LC-14

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LC-14 LETEX-LC-14 Datasheet
87Kb / 2P
Magnetic Contact
logo
Alpha Wire
LC-143 ALPHAWIRE-LC-143 Datasheet
95Kb / 3P
Customer Specification
9/14/2022
More results


Similar Description - LC-14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
General Power Transformer
CEFD1608 SUMIDA-CEFD1608_10 Datasheet
144Kb / 2P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com