Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4050300005997 Datasheet (PDF) - OSRAM GmbH

4050300005997 Datasheet PDF - OSRAM GmbH
Part # 4050300005997
Download  4050300005997 Download
File Size   210.18 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 7 W/827

4050300005997 Datasheet (PDF)

Go To PDF Page Download Datasheet
4050300005997 Datasheet PDF - OSRAM GmbH

Part # 4050300005997
Download  4050300005997 Click to download

File Size   210.18 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 7 W/827

4050300005997 Datasheet (HTML) - OSRAM GmbH


4050300005997 Product details

Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 10,000 h
Color rendering index R
a
for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base




Similar Part No. - 4050300005997

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4050300008127 OSRAM-4050300008127 Datasheet
195Kb / 6P
DULUX D 13 W/827
August 25, 2014
More results


Similar Description - 4050300005997

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0605-02 POWER-SYSTEMS-PS-LD0605-02 Datasheet
104Kb / 3P
LED-CONVERTER UNIT 7 W
logo
FCI connector
DB25P364TX FCI-CONNECTOR-DB25P364TX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
C-DSUB-0065 FCI-CONNECTOR-C-DSUB-0065 Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR(WITH ASSEMBLY
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022 Datasheet
1Mb / 8P
7 W Pulsed High Power Amplifier
logo
FCI connector
DB25P065HTX FCI-CONNECTOR-DB25P065HTX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
DC37P064TX FCI-CONNECTOR-DC37P064TX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
DC37S064T FCI-CONNECTOR-DC37S064T Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022_15 Datasheet
1Mb / 9P
7 W Pulsed High Power Amplifier
logo
Rosenberger Hochfrequen...
07B003-000 ROSENBERGER-07B003-000 Datasheet
64Kb / 2P
7 mm 50 W MICROWAVE BEAD
logo
Isabellenhütte Heu...
KVM ISABELLENHUETTE-KVM Datasheet
975Kb / 3P
7 W power rating
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com