Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4050300010724 Datasheet (PDF) - OSRAM GmbH

4050300010724 Datasheet PDF - OSRAM GmbH
Part # 4050300010724
Download  4050300010724 Download
File Size   221.02 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 18 W/840 2G11

4050300010724 Datasheet (PDF)

Go To PDF Page Download Datasheet
4050300010724 Datasheet PDF - OSRAM GmbH

Part # 4050300010724
Download  4050300010724 Click to download

File Size   221.02 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 18 W/840 2G11

4050300010724 Datasheet (HTML) - OSRAM GmbH


4050300010724 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index R
a
: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue




Similar Part No. - 4050300010724

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4050300010755 OSRAM-4050300010755 Datasheet
206Kb / 8P
DULUX L 24 W/840 2G11
August 25, 2014
4050300010786 OSRAM-4050300010786 Datasheet
192Kb / 7P
DULUX L 36 W/840 2G11
August 25, 2014
More results


Similar Description - 4050300010724

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2964 SATCO-S2964 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S2965 SATCO-S2965 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S2966 SATCO-S2966 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6757 SATCO-S6757 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6758 SATCO-S6758 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6759 SATCO-S6759 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8659 SATCO-S8659 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com