Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4050300020303 Datasheet (PDF) - OSRAM GmbH

4050300020303 Datasheet PDF - OSRAM GmbH
Part # 4050300020303
Download  4050300020303 Download
File Size   212.54 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D/E 26 W/840

4050300020303 Datasheet (PDF)

Go To PDF Page Download Datasheet
4050300020303 Datasheet PDF - OSRAM GmbH

Part # 4050300020303
Download  4050300020303 Click to download

File Size   212.54 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D/E 26 W/840

4050300020303 Datasheet (HTML) - OSRAM GmbH


4050300020303 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index R
a
: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in G24q base
Operates on battery, solar and AC power with suitable electronic control gear




Similar Part No. - 4050300020303

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4050300020174 OSRAM-4050300020174 Datasheet
234Kb / 7P
DULUX S/E 9 W/840
August 25, 2014
4050300020181 OSRAM-4050300020181 Datasheet
226Kb / 7P
DULUX S/E 11 W/840
August 25, 2014
More results


Similar Description - 4050300020303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30_18 Datasheet
204Kb / 3P
AC - D C I T E & M e d i c a l P o w e r M o d u l e
logo
PHOENIX CONTACT
106414 PHOENIX-106414 Datasheet
166Kb / 9P
PLD E 608 W
106445 PHOENIX-106445 Datasheet
149Kb / 10P
PLD E 400 W
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332982 ADELS-332982 Datasheet
111Kb / 1P
GSK 840 E VO/ 2 green printed "Earth"||" "1214053
GSK 840 E VO/ 3 green printed "Earth"||" "1214054
332983 ADELS-332983 Datasheet
111Kb / 1P
GSK 840 E VO/ 3 green printed
10/02/2020
332984 ADELS-332984 Datasheet
111Kb / 1P
GSK 840 E VO/ 4 green printed "Earth"||" "1214399
GSK 840 E VO/ 5 green printed "Earth"||" "1214400
332985 ADELS-332985 Datasheet
111Kb / 1P
GSK 840 E VO/ 5 green printed "Earth"
10/02/2020
332986 ADELS-332986 Datasheet
111Kb / 1P
GSK 840 E VO/ 6 green printed "Earth"
10/02/2020
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com