Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDE182 Datasheet (PDF) - OSRAM GmbH

DDE182 Datasheet PDF - OSRAM GmbH
Part # DDE182
Download  DDE182 Download
File Size   207.62 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D/E 18 W/827

DDE182 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDE182 Datasheet PDF - OSRAM GmbH

Part # DDE182
Download  DDE182 Click to download

File Size   207.62 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D/E 18 W/827

DDE182 Datasheet (HTML) - OSRAM GmbH


DDE182 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index R
a
: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in G24q base
Operates on battery, solar and AC power with suitable electronic control gear




Similar Part No. - DDE182

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DDE102 OSRAM-DDE102 Datasheet
218Kb / 7P
DULUX D/E 10 W/827
August 25, 2014
DDE134 OSRAM-DDE134 Datasheet
212Kb / 7P
DULUX D/E 13 W/840
August 25, 2014
logo
Productwell Precision E...
DDE19I-003 PRODUCTWELL-DDE19I-003 Datasheet
79Kb / 1P
DC/DC CONVERTER TRANSFORMERS
More results


Similar Description - DDE182

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
EPCOS
B66389 EPCOS-B66389 Datasheet
85Kb / 3P
E 36/18/11 Core
logo
Everlight Electronics C...
67-21-Y2C-AP1Q1B-2T EVERLIGHT-67-21-Y2C-AP1Q1B-2T Datasheet
263Kb / 10P
T O P V ie w L E D s
67-21-Y2C-AS1T1-2T EVERLIGHT-67-21-Y2C-AS1T1-2T Datasheet
265Kb / 10P
T O P V ie w L E D s
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30_18 Datasheet
204Kb / 3P
AC - D C I T E & M e d i c a l P o w e r M o d u l e
logo
PHOENIX CONTACT
106414 PHOENIX-106414 Datasheet
166Kb / 9P
PLD E 608 W
106445 PHOENIX-106445 Datasheet
149Kb / 10P
PLD E 400 W
logo
List of Unclassifed Man...
60492 ETC1-60492 Datasheet
5Mb / 2P
L I G H T W E I G H T & H E AV Y D U T Y K N E E PA D S L E E V E S
logo
CnC Tech, LLC
750-10010-00200 CNC-750-10010-00200 Datasheet
235Kb / 1P
DVI(181)P/W TO DVI (181)P/W
2018.07.31 REV A0
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com