Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4050300870755 Datasheet (PDF) - OSRAM GmbH

4050300870755 Datasheet PDF - OSRAM GmbH
Part # 4050300870755
Download  4050300870755 Download
File Size   228.47 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX F 36 W/840 2G10

4050300870755 Datasheet (PDF)

Go To PDF Page Download Datasheet
4050300870755 Datasheet PDF - OSRAM GmbH

Part # 4050300870755
Download  4050300870755 Click to download

File Size   228.47 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX F 36 W/840 2G10

4050300870755 Datasheet (HTML) - OSRAM GmbH


4050300870755 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G10 base
Average life: 10,000 h
Color rendering index R
a
: 80…89




Similar Part No. - 4050300870755

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4050300870755 OSRAM-4050300870755 Datasheet
192Kb / 7P
DULUX L 36 W/840 2G11
August 25, 2014
More results


Similar Description - 4050300870755

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4840NV STMICROELECTRONICS-GS-R4840NV Datasheet
37Kb / 3P
36 W NEGATIVE SWITCHING REGULATOR
Dec-1993
logo
Wall Industries,Inc.
MPQ48S1.8-36R WALL-MPQ48S1.8-36R Datasheet
341Kb / 7P
36 W DC-DC Converter
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com