Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K148 Datasheet (PDF) - NXP Semiconductors

S32K148 Datasheet PDF - NXP Semiconductors
Part # S32K148
Download  S32K148 Download
File Size   2414.06 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QUICK START GUIDE

S32K148 Datasheet (PDF)

Go To PDF Page Download Datasheet
S32K148 Datasheet PDF - NXP Semiconductors

Part # S32K148
Download  S32K148 Click to download

File Size   2414.06 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QUICK START GUIDE

S32K148 Datasheet (HTML) - NXP Semiconductors


S32K148 Product details

S32K148 EVBFeatures:
• Supports S32K148 176LQFP
• Arduino™ UNO footprint-compatible with expansion “shield” support
• Integrated open-standard serial and debug adapter (OpenSDA) with support for several industry-standard debug interfaces
• Easy access to the MCU I/O header pins for prototyping
• On-chip connectivity for CAN, LIN, UART/SCI.
• SBC UJA1132 with 2 LIN physical layers and 1 CAN physical layer
• Potentiometer for precise voltage and analog measurement
• RGB LED
• Two push-button switches (SW2 and SW3) and two touch electrodes
• External flash memory MX25L6433F on board
• Ethernet connector compatible with different ethernet daughter carts
• Voltage supply options for 3.3v or 5v.
• Flexible power supply options
• microUSB or
• external 12V power supply




Similar Part No. - S32K148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K148 NXP-S32K148 Datasheet
1Mb / 100P
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 13, 04/2020
S32K148 NXP-S32K148 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
S32K148 NXP-S32K148 Datasheet
1Mb / 84P
S32K1xx Data Sheet
Rev. 9, 09/2018
More results


Similar Description - S32K148

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
DEMO9S08QG8 Quick Start Guide
logo
NXP Semiconductors
UM10505 PHILIPS-UM10505 Datasheet
1Mb / 17P
OM11057 quick start guide
Rev. 2-10 April 2013
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
Quick Start Guide
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
Quick Start Guide
11/3/11
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
Quick Start Guide
UG6296 ; Rev 0; 6/16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com