Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TP Datasheet (PDF) - Texas Instruments

DLP391TP Datasheet PDF - Texas Instruments
Part # DLP391TP
Download  DLP391TP Download
File Size   1359.83 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device

DLP391TP Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP391TP Datasheet PDF - Texas Instruments

Part # DLP391TP
Download  DLP391TP Click to download

File Size   1359.83 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device

DLP391TP Datasheet (HTML) - Texas Instruments


DLP391TP Product details

1 Features
• 0.39" diagonal micromirror array
– 4K UHD (3840 × 2160) display resolution
– 4.5μm micromirror pitch
– ±14.5° micromirror tilt (relative to flat surface)
– Side illumination
• SubLVDS input data bus
• Supports 4K UHD at 60Hz
• Supports 1080p up to 240Hz
• LED operation is supported by DLPC8445V
display controller, DLPA3085 / DLPA3082 power
management IC (PMIC) and illumination driver

2 Applications
• Mobile smart TV
• Mobile projector
• Digital signage

3 Description
The DLP391TP digital micromirror device (DMD) is
a digitally controlled micro-electro-mechanical system
(MEMS) spatial light modulator (SLM) that enables
bright 4K UHD display systems. The TI DLP®
Products 0.39" 4K UHD chipset is composed of the
DMD, DLPC8445V display controller, and DLPA3085 /
DLPA3082 PMIC and illumination driver. The compact
physical size of the chipset provides a complete
system solution that enables small form factor 4K
UHD displays.




Similar Part No. - DLP391TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP390TP TI2-DLP390TP Datasheet
1Mb / 47P
DLP390TP 0.39-Inch 4K UHD Digital Micromirror Device
JANUARY 2026
DLP390TPFQZ TI2-DLP390TPFQZ Datasheet
1Mb / 47P
DLP390TP 0.39-Inch 4K UHD Digital Micromirror Device
JANUARY 2026
DLP3940S-Q1 TI2-DLP3940S-Q1 Datasheet
1Mb / 42P
DLP3940S-Q1 0.39-Inch 1080p FHD Digital Micromirror Device for Automotive Display Applications
DECEMBER 2025
DLP3944-Q1 TI2-DLP3944-Q1 Datasheet
1Mb / 41P
DLP3944-Q1 0.39-Inch 4K UHD Digital Micromirror Device for Automotive Display Applications
DECEMBER 2025
More results


Similar Description - DLP391TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
DLP660TE TI1-DLP660TE Datasheet
1Mb / 44P
0.66 4K UHD DMD
DLP470TP TI1-DLP470TP Datasheet
741Kb / 48P
0.47 4K UHD DMD
DLP470TE TI1-DLP470TE_19 Datasheet
774Kb / 47P
0.47 4K UHD DMD
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
0.66 4K UHD DMD
logo
Panasonic Semiconductor
TH-98LQ70LW PANASONIC-TH-98LQ70LW Datasheet
648Kb / 3P
98-inch 4K UHD LCD Display
logo
Texas Instruments
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com