Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP800XE Datasheet (PDF) - Texas Instruments

DLP800XE Datasheet PDF - Texas Instruments
Part # DLP800XE
Download  DLP800XE Download
File Size   1585.28 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP800XE 0.8 4K Digital Micromirror Device

DLP800XE Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP800XE Datasheet PDF - Texas Instruments

Part # DLP800XE
Download  DLP800XE Click to download

File Size   1585.28 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP800XE 0.8 4K Digital Micromirror Device

DLP800XE Datasheet (HTML) - Texas Instruments


DLP800XE Product details

1 Features
• 0.8-inch diagonal micromirror array
– 4K+ (3840 × 2400) display resolution
– 9.0μm micromirror pitch
– ±14.5° micromirror tilt (relative to flat surface)
– Corner illumination
• Supports high optical power density for highbrightness
large venue displays
– Up to 22W/cm2 total optical power density
• 2xLVDS input data bus
• Supports 4K+ up to 60 Hz
• Laser-phosphor and RGB lasers are supported
by DLPC4420 display controller, DLPA100 power
management and motor driver IC

2 Applications
• Large venue projector
• Smart projector
• Enterprise projector
• Digital signage

3 Description
The DLP800XE digital micromirror device (DMD) is
a digitally controlled micro-electromechanical system
(MEMS) spatial light modulator (SLM) that enables
bright 4K+ solid-state illuminated display systems.
The TI DLP® 0.8-inch 4K+ chipset comprises the
DMD, two DLPC4420 display controllers, DLPA300
micromirror driver, and DLPA100 power and motor
driver. The compact physical size of the chipset
provides a complete system that enables a small form
factor 4K+ displays with solid-state illumination.
To help accelerate the design cycle, the DMD
ecosystem includes established resources, which
include production-ready optical modules, optical
module manufacturers, and design houses.
To learn more about how to start designing with the
DMD, visit the Getting Started with TI DLP display
technology page.




Similar Part No. - DLP800XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP800RE TI-DLP800RE Datasheet
1Mb / 46P
DLP800RE 0.8 WUXGA DMD
DLPS209 ??OCTOBER 2021
DLP800REA0FYV TI-DLP800REA0FYV Datasheet
1Mb / 46P
DLP800RE 0.8 WUXGA DMD
DLPS209 ??OCTOBER 2021
More results


Similar Description - DLP800XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
DMD Micromirror Driver
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
DLPA300 DMD Micromirror Driver
OCTOBER 2021
logo
Advantech Co., Ltd.
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
RISC Based 4K Digital Signage Player
29-Apr-2019
logo
Texas Instruments
DLP801XE TI-DLP801XE Datasheet
1Mb / 47P
DLP801XE 0.8 4K DMD
OCTOBER 2022
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com