Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83825I Datasheet (PDF) - Texas Instruments

DP83825I Datasheet PDF - Texas Instruments
Part # DP83825I
Download  DP83825I Download
File Size   3214.19 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY

DP83825I Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83825I Datasheet PDF - Texas Instruments

Part # DP83825I
Download  DP83825I Click to download

File Size   3214.19 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY

DP83825I Datasheet (HTML) - Texas Instruments


DP83825I Product details

1 Features
• Low and deterministic latency
– TX latency: 40ns, RX latency: 170ns
– Deterministic latency over power cycles < ±2ns
– Fixed phase XI to TX_CLK relationship < ±2ns
• Robust and small system implementation
– Integrated circuitry for enhanced EMC
– IEC 61000-4-2 ESD: ±8kV contact, ±15kV air
Criteria A
– IEC 61000-4-4 EFT: ±4kV @ 5kHz,100 kHz
Criteria A
– CISPR 22 conducted emissions Class B
– CISPR 22 radiated emissions Class B
– Fast link-drop < 10μs
– Cable reach > 150 meters
– Voltage mode line driver
– Integrated terminations on MAC interface
– Voltage tolerance: ±10%
• Two selectable pin modes in single device
– ENHANCED mode for additional features
– BASIC mode for common Ethernet pinout
• Low power consumption < 160mW
• MAC interfaces: MII, RMII
• Programmable energy-saving modes
– Active sleep
– Deep power down
– Energy Efficient Ethernet (EEE) IEEE 802.3az
– Wake-on-LAN (WoL)
• Diagnostic tools: cable diagnostics, built-in self-test
(BIST), loopback modes
• Single, 3.3V power supply
• I/O voltages: 1.8V or 3.3V
• RMII back-to-back repeater mode
• DP83826AE operating temperature range: –40°C
to 105°C
• DP83826AI operating temperature range: –40°C to
85°C
• IEEE 802.3 compliant: 10BASE-Te, 100BASE-TX
• EtherCAT® compliant

2 Applications
• Factory automation, robotics and motion control
• Motor drives
• Grid infrastructure
• Building automation
• Industrial Ethernet fieldbus

3 Description
The DP83826Ax offers low and deterministic latency,
low power and supports 10BASE-Te, 100BASE-TX
Ethernet protocols to meet stringent requirements
in real-time industrial Ethernet systems. The device
includes hardware bootstraps to achieve fast link-up
time, fast link-drop detection modes and dedicated
reference CLKOUT to clock synchronize other
modules on the systems.
The two configurable modes are BASIC standard
Ethernet mode that uses a common Ethernet pinout,
and ENHANCED Ethernet mode which supports
standard Ethernet mode and multiple industrial
Ethernet fieldbus applications with the additional
features and hardware bootstraps configuration.




Similar Part No. - DP83825I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83825I TI1-DP83825I Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83825I TI-DP83825I Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Similar Description - DP83825I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Advantech Co., Ltd.
ADAM-6520-BE ADVANTECH-ADAM-6520-BE Datasheet
58Kb / 1P
5-port 10/100 Mbps Industrial Ethernet Switches
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I_V01 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
logo
Texas Instruments
DP83825I TI-DP83825I_V02 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com