Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TC814X-Q1 Datasheet (PDF) - Texas Instruments

DP83TC814X-Q1 Datasheet PDF - Texas Instruments
Part # DP83TC814X-Q1
Download  DP83TC814X-Q1 Download
File Size   1496.47 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver with IEEE802.1AS and TC10 Sleep-Wake

DP83TC814X-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83TC814X-Q1 Datasheet PDF - Texas Instruments

Part # DP83TC814X-Q1
Download  DP83TC814X-Q1 Click to download

File Size   1496.47 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver with IEEE802.1AS and TC10 Sleep-Wake

DP83TC814X-Q1 Datasheet (HTML) - Texas Instruments


DP83TC814X-Q1 Product details

1 Features
• IEEE802.3bw compliant 100BASE-T1 PHY
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• IEEE 802.1AS time synchronization
– Highly accurate 1pps signal
• Synchronization jitter: < ±15ns (options to
reduce to ±1ns)
• Synchronization offset: < ±30ns
– Multiple IOs for event capture and trigger
• OA TC-10 compliant sleep/wake up
• Robust EMC performance
– IEC62228-5, OA EMC compliant
– SAE J2962-3 EMC compliant
– 39dBm DPI immunity with ±5% asymmetry
– <4dBμV radiated emissions in GPS and
glonass bands
– Stripline emissions: class-II compliant
• MAC Interfaces: MII, RMII, RGMII, SGMII
• Footprint compatible with TI's 100BASE-T1,
1000BASE-T1 PHY - common board with BOM
options
• Diagnostic tool kit
– Signal quality indication (SQI) & time domain
reflectometry (TDR)
– Voltage, temperature & ESD sensors
– PPM monitor: provides external clock ppm drift
(up to ±100ppb accuracy)
• Single 3.3V supply capability
• IEC61000-4-2 ESD level 4 MDI: ±8kV CD

2 Applications
• ADAS
– Radar Synchronization
• Body Electronics & Lighting
– Body Control Module
– Zone Control Module
• Telematics

3 Description
The DP83TC815-Q1 is an IEEE 802.3bw and
Open Alliance (OA) compliant automotive qualified
100Base-T1 Ethernet physical layer transceiver. The
device provides all physical layer functions needed
to transmit and receive data over unshielded/shielded
single twisted-pair cables with xMII interface flexibility.
The DP83TC815-Q1 integrates IEEE802.1AS /
IEEE1588v2 to enable highly accurate time
synchronization and hardware time stamping for timesensitive,
real-time controlled applications.
The DP83TC815-Q1 supports OA TC-10 low power
sleep feature with wake forwarding for reduced
system power consumption when communication is
not required.




Similar Part No. - DP83TC814X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC814X-Q1 TI1-DP83TC814X-Q1 Datasheet
1Mb / 13P
DP83TC817-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS and IEEE802.1AE MACsec
APRIL 2024
DP83TC814X-Q1 TI1-DP83TC814X-Q1 Datasheet
1Mb / 14P
DP83TC818S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS, IEEE802.1AE MACsec and AVB Clock Generation
MAY 2024
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
1Mb / 18P
DP83TC817S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with IEEE802.1AE MACsec, IEEE802.1AS and TC10 Sleep-Wake
OCTOBER 2024
DP83TC814X-Q1 TI2-DP83TC814X-Q1 Datasheet
3Mb / 177P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver With IEEE802.1AS and TC10 Sleep-Wake
REVISED NOVEMBER 2025
More results


Similar Description - DP83TC814X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83TC811R-Q1 TI1-DP83TC811R-Q1 Datasheet
77Kb / 6P
Low Power Auto PHY 100BASE-T1 Automotive Ethernet Physical Layer Transceiver
DP83TC811S-Q1 TI1-DP83TC811S-Q1 Datasheet
2Mb / 143P
Low Power Automotive PHY 100BASE-T1 Ethernet Physical Layer Transceiver
logo
NXP Semiconductors
TJA1100 NXP-TJA1100 Datasheet
525Kb / 55P
100BASE-T1 PHY for Automotive Ethernet
Rev. 3-23 May 2017
logo
Texas Instruments
DP83TG720S-Q1 TI-DP83TG720S-Q1 Datasheet
2Mb / 199P
DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TG720R-Q1 TI-DP83TG720R-Q1 Datasheet
2Mb / 129P
DP83TG720R-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TC812S-Q1 TI-DP83TC812S-Q1 Datasheet
3Mb / 150P
DP83TC812-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
logo
NXP Semiconductors
TJA1101B NXP-TJA1101B Datasheet
1Mb / 58P
100BASE-T1 PHY for automotive Ethernet
Rev. 1-1 March 2021
logo
Texas Instruments
DP83TC814S-Q1 TI-DP83TC814S-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC812S-Q1 TI-DP83TC812S-Q1_V01 Datasheet
5Mb / 196P
DP83TC812x-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
logo
NXP Semiconductors
TJA1102 NXP-TJA1102 Datasheet
220Kb / 19P
100BASE-T1 dual/single PHY for automotive Ethernet
Rev. 1 ??1 November 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com