Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM4002 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

WNM4002 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # WNM4002
Download  WNM4002 Download
File Size   896.59 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

WNM4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
WNM4002 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # WNM4002
Download  WNM4002 Click to download

File Size   896.59 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

WNM4002 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


WNM4002 Product details

Features
© Vos=20Vb=08A
Roson=250mQ @ Vos=4.5V (typ)
Roson = 300m0@ Ves=2.5V (typ)
* ESD Protection




Similar Part No. - WNM4002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM4002 WILLSEMI-WNM4002 Datasheet
166Kb / 6P
Small Signal N-Channel, 20V, 0.3A, MOSFET
WNM4002-3/TR WILLSEMI-WNM4002-3/TR Datasheet
166Kb / 6P
Small Signal N-Channel, 20V, 0.3A, MOSFET
More results


Similar Description - WNM4002

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com